Electronic Components Datasheet Search
  English  ▼

X  

TPIM002 Datasheet(PDF) 2 Page - TEWS Technologies GmbH

Part # TPIM002
Description  Conduction Cooled, 6 Channel SSI, Incremental Encoder, Counter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TPIM002 Datasheet(HTML) 2 Page - TEWS Technologies GmbH

  TPIM002 Datasheet HTML 1Page - TEWS Technologies GmbH TPIM002 Datasheet HTML 2Page - TEWS Technologies GmbH TPIM002 Datasheet HTML 3Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
The Embedded I/O Company
Technical Information
 Conduction cooled single-width 32 bit PMC module
conforming to IEEE P1386.1
 Target Chip: PCI9030 (PLX Technology)
 PCI 2.2 compliant interface
 5V and 3.3V PCI I/O signaling voltage
 Board size: 149 mm x 74 mm
 P14 Back I/O connector
 6 Channels, independently configurable as standard
SSI interface controller, SSI ‘Listen only’ Mode,
incremental encoder or general purpose counter
 Standard SSI Interface
 SSI data word length programmable from 1 bit to
32 bit
 Data word encoding: Binary- or Gray-Code
 Parity: Odd, even or without
 SSI clock rate: 1µs – 15µs
 SSI ‘Listen only’ Mode
 SSI data word length programmable from 1 bit to
32 bit
 Data word encoding: Binary- or Gray-Code
 Parity: Odd, even or without
 32 bit incremental encoder counter
 32 bit preload register
 32 bit compare register
 1x, 2x or 4x resolution multiplier
 Reference preload function
 Various count- and control modes
 32 bit general purpose counter
 32 bit preload register
 32 bit compare register
 Various count and control modes
 Multiple channel read
 16 bit down-counter with preload
 Inputs are isolated and TTL/RS422 compatible
 6 isolated 24 V digital inputs: reference input or general
purpose input depending on mode
 Operating temperature -40°C to +85°C
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.1
2017-09-13
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com