Electronic Components Datasheet Search
  English  ▼

X  

SAT800 Datasheet(PDF) 3 Page - Solid State Inc

Part # SAT800
Description  VCEO = 60V
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc

SAT800 Datasheet(HTML) 3 Page - Solid State Inc

  SAT800 Datasheet HTML 1Page - Solid State Inc SAT800 Datasheet HTML 2Page - Solid State Inc SAT800 Datasheet HTML 3Page - Solid State Inc SAT800 Datasheet HTML 4Page - Solid State Inc SAT800 Datasheet HTML 5Page - Solid State Inc SAT800 Datasheet HTML 6Page - Solid State Inc SAT800 Datasheet HTML 7Page - Solid State Inc SAT800 Datasheet HTML 8Page - Solid State Inc SAT800 Datasheet HTML 9Page - Solid State Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
© 2012 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 3 of 10
SAT800/H/S/TR
Rev 2.00 (11/02/2012)
001532
SAT800
AC Input
60V
Dual Photo-Transistor Optocoupler
Figure 5: Collector Current (IC) vs. Collector-Emitter
Voltage (VCE)
Figure 6: Current Transfer Ratio (CTR) vs. Forward Current (IF)
Figure 2: Collector Power Dissipation (PC) vs. Temperature (°C)
Figure 3: Collector-Emitter Saturation Voltage (VCE(SAT)) vs.
Forward Current (IF)
Figure 4: Forward Current (IF) vs. Forward Voltage (VF)
Figure 1: Forward Current (IF) vs. Temperature (°C)
SAT800 Performance & Characteristics Plots, TA = 25°C (unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com