Electronic Components Datasheet Search
  English  ▼

X  

SAT800 Datasheet(PDF) 1 Page - Solid State Inc

Part # SAT800
Description  VCEO = 60V
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc

SAT800 Datasheet(HTML) 1 Page - Solid State Inc

  SAT800 Datasheet HTML 1Page - Solid State Inc SAT800 Datasheet HTML 2Page - Solid State Inc SAT800 Datasheet HTML 3Page - Solid State Inc SAT800 Datasheet HTML 4Page - Solid State Inc SAT800 Datasheet HTML 5Page - Solid State Inc SAT800 Datasheet HTML 6Page - Solid State Inc SAT800 Datasheet HTML 7Page - Solid State Inc SAT800 Datasheet HTML 8Page - Solid State Inc SAT800 Datasheet HTML 9Page - Solid State Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© 2012 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 1 of 10
SAT800
AC Input
60V
Dual Photo-Transistor Optocoupler
SAT800/H/S/TR
Rev 2.00 (11/02/2012)
001532
Description
The SAT800 consists of two phototransistors, each
optically coupled to two light emitting diodes for AC input
operation. Optical coupling between the input IR LED and
output phototransistor allows for high isolation levels while
maintaining low-level DC signal control capability.
The
SAT800 provides an optically isolated method of controlling
many interface applications such as telecommunications,
industrial control and instrumentation circuitry.
The SAT800 comes standard in a miniature 8 pin DIP
package.
Schematic Diagram
Agency Approvals
UL/C-UL:
File # E201932
VDE:
File # 40035191 (EN 60747-5-2)
Applications
Registers, Copiers, Automatic Vending Machines
System Appliances, Measuring Instruments
Computer Terminals, PLCs
Telecommunication Equipment, Telephones
Home Appliances
Digital Logic Inputs
Microprocessor Inputs
Switching Power Supplies
Absolute Maximum Ratings
The values indicated are absolute stress ratings. Functional
operation of the device is not implied at these or any
conditions in excess of those defined in electrical
characteristics section of this document. Exposure to
absolute Maximum Ratings may cause permanent damage
to the device and may adversely affect reliability.
Storage Temperature …………………………..-55 to +125°C
Operating Temperature ………………………-40 to +100°C
Continuous Input Current………………………………..50mA
Transient Input Current ………………….……………..500mA
Reverse Input Control Voltage …………..…………………6V
Input Power Dissipation
1 ………………………………40mW
Total Power Dissipation
1 ……………………………..300mW
Solder Temperature – Wave (10sec)……………….….260°C
Solder Temperature – IR Reflow (10sec)….…………..260°C
NOTES
1.
Power Dissipation per Channel
Ordering Information
Part Number
Description
SAT800
8 pin DIP, (50/Tube)
SAT800-H
0.40” (10.16mm) Lead Spacing (VDE0884)
SAT800-S
8 pin SMD, (50/Tube)
SAT800-STR
8 pin SMD, Tape and Reel (1000/Reel)
Features
VCEO = 60V
Small 8 pin DIP/SMD package
Low input power consumption
High stability
CTR Range 20 – 300%
High Isolation Voltage (5000VRMS)
Long Life / High Reliability
RoHS / Pb-Free / REACH Compliant
NOTE: Suffixes listed above are not included in marking on
device for part number identification
1
2
3
6
7
8
(+/-) Input
(-/+) Input
(+/-) Input
Collector
Emitter
Collector
SAT800
4
5
(-/+) Input
Emitter


Similar Part No. - SAT800

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
SAT800 SSOUSA-SAT800 Datasheet
524Kb / 4P
AC Input Dual Optocoupler
SAT800 SSOUSA-SAT800_15 Datasheet
471Kb / 10P
Small 8 pin DIP/SMD package
More results

Similar Description - SAT800

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FMBT1815 FCI-FMBT1815 Datasheet
69Kb / 2P
NPN Epitaxial Planar Transistor Collector - Emitter Voltage VCEO
logo
Tiger Electronic Co.,Lt...
2SC2383 TGS-2SC2383 Datasheet
405Kb / 2P
High voltage VCEO 160V
logo
Inchange Semiconductor ...
2SA1442 ISC-2SA1442 Datasheet
121Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -60V(Min)
2SA1444 ISC-2SA1444 Datasheet
121Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -60V(Min)
2SA1441 ISC-2SA1441 Datasheet
121Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -60V(Min)
2SA1440 ISC-2SA1440 Datasheet
116Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -60V(Min)
2SB1284 ISC-2SB1284 Datasheet
188Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -100V(Min.)
2SC5172 ISC-2SC5172 Datasheet
184Kb / 2P
High Collector Breakdown Voltage: VCEO =400V
BU508A-2 ISC-BU508A-2 Datasheet
534Kb / 3P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= 900V (Min)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com