Electronic Components Datasheet Search
  English  ▼

X  

1476924 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1476924
Description  OCS POLEFIX 1008 - Mounting material
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1476924 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1476924 Datasheet HTML 1Page - PHOENIX CONTACT 1476924 Datasheet HTML 2Page - PHOENIX CONTACT 1476924 Datasheet HTML 3Page - PHOENIX CONTACT 1476924 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Mount for mast Ø of 60 mm ... 140 mm, complete set for a housing of 10" x 8", material: steel
Your advantages
Internationally certified housing system
•
Special plastic ensures safe continuous operation
•
Provides protection against the ingress of jet water
•
Withstands even heavy mechanical strain
•
Commercial data
Item number
1476924
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
AC04
Product key
ACFDBZ
GTIN
4063151897208
Weight per piece (including packing)
0.746 kg
Weight per piece (excluding packing)
0.664 kg
Customs tariff number
73269098
Country of origin
EE
OCS POLEFIX 1008 - Mounting material
1476924
https://www.phoenixcontact.com/us/products/1476924
Mar 6, 2025, 12:12 AM
Page 1 (4)


Similar Part No. - 1476924

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1476923 PHOENIX-1476923 Datasheet
178Kb / 4P
OCS POLEFIX 0806 - Mounting material
1476926 PHOENIX-1476926 Datasheet
178Kb / 4P
OCS POLEFIX 1210 - Mounting material
More results

Similar Description - 1476924

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D411 ETC2-D411 Datasheet
91Kb / 2P
Accessories Mounting Material
logo
TAI-SAW TECHNOLOGY CO.,...
TC0539A TAI-SAW-TC0539A Datasheet
414Kb / 6P
SAW Resonator 1008 MHz
logo
PHOENIX CONTACT
1586219 PHOENIX-1586219 Datasheet
50Kb / 2P
Mounting material - HC-HS-PES
1674545 PHOENIX-1674545 Datasheet
52Kb / 3P
Mounting material - HC-BS-PG36
2701380 PHOENIX-2701380 Datasheet
42Kb / 2P
Mounting material - HMI WALL MOUNTING KIT
2701384 PHOENIX-2701384 Datasheet
43Kb / 2P
Mounting material - HMI SCB MOUNTING KIT 4
2701385 PHOENIX-2701385 Datasheet
43Kb / 2P
Mounting material - HMI SCB MOUNTING KIT 6
2701387 PHOENIX-2701387 Datasheet
43Kb / 2P
Mounting material - HMI SCB MOUNTING KIT 8
logo
Carlo Gavazzi Holding A...
MB02 CARLOGAVAZZI-MB02 Datasheet
661Kb / 3P
Photoelectrics Accessories Mounting Material
logo
PHOENIX CONTACT
1280672 PHOENIX-1280672 Datasheet
44Kb / 1P
Mounting material - VESA ADAPTER
09/22/2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com