Electronic Components Datasheet Search
  English  ▼

X  

1476924 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1476924
Description  OCS POLEFIX 1008 - Mounting material
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1476924 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1476924 Datasheet HTML 1Page - PHOENIX CONTACT 1476924 Datasheet HTML 2Page - PHOENIX CONTACT 1476924 Datasheet HTML 3Page - PHOENIX CONTACT 1476924 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical data
Product properties
Product type
Mounting material
Housing type
Outdoor housing
Housing series
OCS
Product family
OCS..1008..
Dimensions
Width
197 mm
Height
326 mm
Material specifications
Color
silver-colored
Material ()
Steel
Surface characteristics
galvanized
Mounting
Mounting type
Mast mounting or panel mounting
Packaging specifications
Type of packaging
Box packaging
OCS POLEFIX 1008 - Mounting material
1476924
https://www.phoenixcontact.com/us/products/1476924
Mar 6, 2025, 12:12 AM
Page 2 (4)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com