Electronic Components Datasheet Search
  English  ▼

X  

WS1 Datasheet(PDF) 4 Page - Metcal

Part # WS1
Description  60W Single Output Solder / Rework System
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METCAL [Metcal]
Direct Link  https://www.metcal.com/
Logo METCAL - Metcal

WS1 Datasheet(HTML) 4 Page - Metcal

  WS1 Datasheet HTML 1Page - Metcal WS1 Datasheet HTML 2Page - Metcal WS1 Datasheet HTML 3Page - Metcal WS1 Datasheet HTML 4Page - Metcal WS1 Datasheet HTML 5Page - Metcal WS1 Datasheet HTML 6Page - Metcal WS1 Datasheet HTML 7Page - Metcal WS1 Datasheet HTML 8Page - Metcal WS1 Datasheet HTML 9Page - Metcal  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.metcal.com
Pg 4
Metcal MFR-1100 Series
SxP Solder & Rework Cartridges
Compatible with: MFR-1110, MFR-1161, MFR-1351, MFR-2211, MFR-2241 Systems and MFR-H1-SC hand-piece
SFP-CH10
STP-CH10
SCP-CH10
SFP-CH15
STP-CH15
SCP-CH15
SFP-CHB15
STP-CHB15
SCP-CHB15
SFP-CH20
STP-CH20
SCP-CH20
SFP-CHL20
STP-CHL20
SCP-CHL20
SFP-CH25
STP-CH25
SCP-CH25
SFP-CH30
STP-CH30
SCP-CH30
SFP-CH35
STP-CH35
SCP-CH35
SFP-CH50
STP-CH50
SCP-CH50
0.36"
9.2mm
0.04"
1mm
0.39"
10mm
0.06"
1.5mm
0.4"
10.0m
0.632”
16.04mm
m
0.08"
2.0mm
.394"
10mm
0.1"
2.5mm
0.12"
3.0mm
0.43"
11.0mm
0.14"
3.5mm
0.43"
11.0mm
0.3"
7.6mm
0.2"
5mm
0.474”
12.04mm
0.06”
1.5mm
0.08”
2.0mm
F = FR4 / Fiberglass, for most standard applications T = Temperature Sensitive C = Ceramic for high thermal demand applications.
SXP SOLDERING & REWORK
CARTRIDGES
SFP-CN04
STP-CN04
SCP-CN04
SFP-CNB04
STP-CNB04
SCP-CNB04
SFP-CNL04
STP-CNL04
SCP-CNL04
SFP-CN05
STP-CN05
SCP-CN05
SFP-CNB05
STP-CNB05
SCP-CNB05
SFP-CNL06
SCP-CNL06
SFP-BVL10
STP-BVL10
SCP-BVL10
0.34
"
8.6mm
0.6"
15.21mm
0.59"
14.9mm
0.579"
14.7mm
0.016”
0.4mm
0.016”
0.4mm
0.016”
0.4mm
0.02"
0.5mm
0.56"
14.22mm
0.04"
1.0mm
SFP-DRH05
STP-DRH05
SCP-DRH05
SFP-DRH610
STP-DRH610
SCP-DRH610
SFP-DRH15
STP-DRH15
SCP-DRH15
SFP-DRH615
STP-DRH615
SCP-DRH615
SFP-DRH35
STP-DRH35
SCP-DRH35
SFP-DRK50
STP-DRK50
SCP-DRK50
0.6"
15.21mm
0.02"
0.5mm
.45"
11.6 mm
.039"
1.0mm
0.63"
16mm
0.2"
5.0mm
.06"
1.5mm
60°
.46"
11.6mm
STP-WV30
SFP-WV30
SCP-WV30
STP-WV20
SFP-WV20
SCP-WV20



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com