Electronic Components Datasheet Search
  English  ▼

X  

AC-TC Datasheet(PDF) 1 Page - Metcal

Part # AC-TC
Description  60W Desolder / Solder System With Vacuum Workstand
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METCAL [Metcal]
Direct Link  https://www.metcal.com/
Logo METCAL - Metcal

AC-TC Datasheet(HTML) 1 Page - Metcal

  AC-TC Datasheet HTML 1Page - Metcal AC-TC Datasheet HTML 2Page - Metcal  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Metcal MFR-1150 Unit
60W Desolder / Solder System With
Vacuum Workstand
Makes Desoldering Clean and Easy
Metcal's MFR-1150 Desoldering System is a powerful, cost-
effective system with a small footprint. The MR-1150 ihas a powerful
0.85 bar vacuum built into the workstand which makes through-
hole desoldering clean and easy.
The MFR-1150 system includes a Desoldering Pistol with an
easy to change, large capacity solder collection chamber to ensure
minimum downtime. The pistol can easily be converted to a pencil
grip for additional control. Metcal offers a wide range of long life
desoldering tips that will keep your equipment working efficiently.
The MFR-1150 series is the best choice for small or large
production environments which need exceptional desoldering and
soldering performance from a unit with a small footprint.
MFR-1150 Unit Features and Benefits
• Workstation uses shop air to create a vacuum that makes
desoldering easier
• Large capacity collection chamber reduces downtime
• Pistol handpiece can easily be converted to a pencil grip for
additional control
• Large selection of DxP desoldering tips
www.metcal.com
2/2016
Pg 1
Desoldering
pistol can easily
be changed to
a pencil grip for
additional control.
Large capacity
desoldering
collection
chamber is easy to
change, reducing
downtime
MFR-PS1100 Power Supply
Input Line Voltage / Frequency
100-240 VAC / 50/60Hz
Power Consumption
65 Watts Max.
Output Power / Frequency
60 Watts Max.*/ 450 KHz
Dimensions (approx.) W x D x H
90 x 200 x 152.5mm (3.5” x 8” x 6”)
MFR-1150 System
Idle Tip Temperature Stability
+/- 1.1°C (2°F) in still air
Ambient Operating Temperature
10 - 40°C (50 - 104°F)
Maximum Enclosure Temperature 55°C (131°F)
Tip to Ground Potential
<2mV
Tip to Ground Resistance
<2 Ohms
Surface Resistivity
105– 109 Ohm
Approvals
cTUVus, CE
MFR-H5-DS Desolder Hand-piece
Power Cord (3-wire)
183cm (72”)
Solder Hand-piece Cable Length
152 cm (60”), burn proof, ESD safe
Hand-piece Connector
8 Pin Power Connector
MFR-WSDSX Vacuum Workstand
Input Voltage / Power
24V / 15W
Dimensions (approx.) W x D x H
100 x 200 x 140mm (4” x 8” x 5.5”)
Noise Level
< 55 dB
Recommended Air Pressure Input 550kPa (80PSI) - Shop Air Required
Vacuum Suction Force
0.85 bar (25” Hg)
* RF SmartHeat Technology provides greater power.
For more details, visit www.metcal.com/smartheat
Technical Specifications


Similar Part No. - AC-TC

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
AC-TC OKI-AC-TC Datasheet
5Mb / 64P
Soldering Tools and Equipment for Electronics Assembly
logo
Metcal
AC-TC METCAL-AC-TC Datasheet
367Kb / 2P
Hand Soldering, Desoldering, & Rework
AC-TC METCAL-AC-TC Datasheet
3Mb / 6P
60W Dual Output System w/ Internal Pump Data Sheet
AC-TC METCAL-AC-TC Datasheet
326Kb / 1P
MFR/PS Accessories & Spare Parts
AC-TC-P METCAL-AC-TC-P Datasheet
367Kb / 2P
Hand Soldering, Desoldering, & Rework
More results

Similar Description - AC-TC

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PLP-30 MEANWELL-PLP-30 Datasheet
99Kb / 1P
30~60W Single Output with PFC
logo
Ralston Instruments.
DV0V-30HG-D RALSTON-DV0V-30HG-D_14 Datasheet
499Kb / 2P
Create a vacuum and calibrate pressure devices with included vacuum pump and vacuum gauge
DV0V-30HG-M RALSTON-DV0V-30HG-M_14 Datasheet
500Kb / 2P
Create a vacuum and calibrate pressure devices with included vacuum pump and vacuum gauge
logo
MKS Instruments.
946 MKS-946 Datasheet
742Kb / 4P
VACUUM SYSTEM CONTROLLER
937B MKS-937B Datasheet
591Kb / 8P
DIGITAL COMBINATION VACUUM GAUGE SYSTEM
943 MKS-943 Datasheet
311Kb / 4P
cold cathode vacuum gauge system
logo
WAGO Kontakttechnik Gmb...
704-8012 WAGO-704-8012 Datasheet
414Kb / 6P
Interface module for system wiring; with solder pin; Male connector
23.11.2021
704-8033 WAGO-704-8033 Datasheet
48Kb / 3P
Interface module for system wiring; with solder pin; Male connector
23.11.2021
logo
Omron Electronics LLC
E32-V OMRON-E32-V Datasheet
199Kb / 13P
Fiber-Optic System for Sensing Under Vacuum
logo
Inventronics Inc.
LUD-060SXXXBSF INVENTRONICS-LUD-060SXXXBSF Datasheet
1Mb / 15P
60W Programmable IP20 Driver with DALI
Rev. E
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com