Electronic Components Datasheet Search
  English  ▼

X  

AC-TC Datasheet(PDF) 2 Page - Metcal

Part # AC-TC
Description  60W Desolder / Solder System With Vacuum Workstand
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METCAL [Metcal]
Direct Link  https://www.metcal.com/
Logo METCAL - Metcal

AC-TC Datasheet(HTML) 2 Page - Metcal

  AC-TC Datasheet HTML 1Page - Metcal AC-TC Datasheet HTML 2Page - Metcal  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Metcal MFR-1150 Series
Desoldering System With Vacuum Workstand
www.metcal.com
2/2016
MFR-1150 System and Accessories
Pg 2
The MFR-H5-DS
Desolder Hand-
piece plugs directly
into the Vacuum
Workstand
(MFR-WSDSX) which
provides .85 bar suction
force using your shop air to
remove unwanted solder.
Also Available - MFR-1150 Desoldering / Soldering Unit
Part No.
Photo Description
MFR-1150
Desolder System with Vacuum Workstand
Includes:
MFR-PS1100
A
Power Supply
MFR-H5-DS
B
Desolder Hand-piece
MFR-WSDSX
C
Vacuum Workstand for Desolder Hand-piece
MFR-FTKIT
Air Hose/Fittings Kit (For Shop Air Connections)
AC-TC
D
Desolder Tip Cleaning Tool
Accessories and Replacement Parts (SOLD SEPARATELY)
DXP Tips
E
Desoldering Tips
MFR-DC10
F
Disposable Collection Chamber for MFR-H5-DS (10/pk)
MFR-DC100
F
Disposable Collection Chamber for MFR-H5-DS (100/pk)
MFR-PG
G
Replacement Pistol Grip for HS-DS Hand-piece
DxP Desoldering
Tips. See below
Disposable
Collection Chamber
Replacement
Pistol Grip for
MRF-H5-DS
Hand-Piece
E
F
G
A
C
D
B



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com