Electronic Components Datasheet Search
  English  ▼

X  

WS1 Datasheet(PDF) 8 Page - Metcal

Part # WS1
Description  Dual Output 60W Solder / Rework Station Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METCAL [Metcal]
Direct Link  https://www.metcal.com/
Logo METCAL - Metcal

WS1 Datasheet(HTML) 8 Page - Metcal

  WS1 Datasheet HTML 1Page - Metcal WS1 Datasheet HTML 2Page - Metcal WS1 Datasheet HTML 3Page - Metcal WS1 Datasheet HTML 4Page - Metcal WS1 Datasheet HTML 5Page - Metcal WS1 Datasheet HTML 6Page - Metcal WS1 Datasheet HTML 7Page - Metcal WS1 Datasheet HTML 8Page - Metcal  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
www.metcal.com
8/2016
Pg 8
Metcal MFR-2200 Series
TxP Tweezer Cartridges
Compatible with: MFR-1140, MFR-2240, MFR2241 Systems and MFR-H4-TW hand-piece
T
FP-BLP1
T
TP-BLP1
T
CP-BLP1
1.0mm x 14mm (.04" x .55")
T
FP-BLP2
T
TP-BLP2
T
CP-BLP2
2.0mm x 14mm (.08" x .55")
T
FP-CNP1
T
TP-CNP1
T
CP-CNP1
Conical
0.4mm x 19.1mm (.015" x .75")
.55"
14mm
.04"
1.0mm
.03"
0.76mm
.55"
14mm
.079"
2.0mm
.03"
0.76mm
.75"
19.1mm
.015"
.38mm
0.055"
1.4mm
A
0.028"
0.57mm
F = FR4 / Fiberglass, for most standard applications T = Temperature Sensitive C = Ceramic for high thermal demand applications.
TXP TWEEZER CARTRIDGES_
A
T
FP-BLH40
T
TP-BLH40
T
CP-BLH40
6.35mm
(.25")
T
FP-BLH50
T
TP-BLH50
T
CP-BLH50
16mm
(.62")
T
FP-BLH60
T
TP-BLH60
T
CP-BLH60
20.5mm
(.81")
T
FP-BLH70
T
TP-BLH70
T
CP-BLH70
28mm
(1.1")
Compatible with: MFR-1150, MFR-1350, MFR-1351 systems with MFR-H5-DS hand-piece
and previous MFR-DSX, -DSI, -SDX, -SDI Systems with MFR-HDS hand-piece.
All dimensions shown are in mm (inches)
DXP DESOLDERING TIPS
Standard
Long Reach
5.54mm
0.218"
12.80mm
0.503"
A
B
TYPE
D
FP-CN2
D
CP-CN2
0.64
(.025)
1.78
(.070)
Standard
D
FP-CN3
D
CP-CN3
0.76
(.030)
2.03
(.080)
Standard
D
FP-CN4
D
CP-CN4
1.02
(.040)
2.28
(.090)
Standard
D
FP-CN5
D
CP-CN5
1.27
(.050)
2.64
(.104)
Standard
D
FP-CN6
D
CP-CN6
1.52
(.060)
2.84
(.112)
Standard
D
FP-CN7
D
CP-CN7
2.41
(.095)
3.63
(.143)
Standard
D
FP-CNL3
D
CP-CNL3
0.76
(.030)
2.03
(.080)
Long Reach
D
FP-CNL4
D
CP-CNL4
1.02
(.040)
2.28
(.090)
Long Reach
D
FP-CNL5
D
CP-CNL5
1.27
(.050)
2.64
(.104)
Long Reach



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com