Electronic Components Datasheet Search
  English  ▼

X  

WS1 Datasheet(PDF) 1 Page - Metcal

Part # WS1
Description  Dual Output 60W Solder / Rework Station Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METCAL [Metcal]
Direct Link  https://www.metcal.com/
Logo METCAL - Metcal

WS1 Datasheet(HTML) 1 Page - Metcal

  WS1 Datasheet HTML 1Page - Metcal WS1 Datasheet HTML 2Page - Metcal WS1 Datasheet HTML 3Page - Metcal WS1 Datasheet HTML 4Page - Metcal WS1 Datasheet HTML 5Page - Metcal WS1 Datasheet HTML 6Page - Metcal WS1 Datasheet HTML 7Page - Metcal WS1 Datasheet HTML 8Page - Metcal  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Metcal MFR-2200 Series
Dual Output 60W Solder / Rework
Station Series
MFR-2200: 2 Outputs and 5 Handpiece Options:
There Is A System That’s Right For You
Metcal's MFR-2200 Soldering/Desoldering Stations are
powerful, cost-effective systems that have a wide variety of
options and accessories to meet just about any application.
The MFR-2200 power supply has 2 outputs, so your operators
can use 2 hand-pieces simultaneously. 5 hand-pieces are
available, including a desoldering option, so the MFR-2200 can
meet just about any need.
The MFR-2200 series uses SmartHeat®Technology, a
microprocessor controlled heating system which operates at lower
temperatures and eliminates calibration time. With both soldering
and desoldering capabilities, the MFR-2200 eliminates the need for
two separate units.
The MFR-2200 series is the best choice for small or large
production environments which need a versatile soldering system
with a small footprint.
MFR-2200 Series Features and Benefits
• Many options so you can create the system you need
• Dual 60W output enables you to use two hand-pieces
simultaneously.
• SmartHeat® tips and cartridges sense the load and instantly
delivers the right amount of heat to the joint.
• No calibration required which saves money and down-time.
www.metcal.com
8/2016
Technical Specifications
Pg 1
Part No.
MFR-2200 Series
Ambient Operating Temp.
10 - 40°C (50 - 104°F)
Max. Enclosure Temp.
55°C (131°F)
Input Line Voltage
100 - 240 VAC
Power Consumption
130W Max.
Input Line Frequency
50/60 Hz grounded circuit
Output Power
60W @ 22°C/output (2 outputs)*
Output Frequency
450 KHz
Power Cord (3-wire)
183cm (6’), 18/3 SJT
Dimensions (approx.) W x D x H
170 x 200 x 152.5mm (7” x 8” x 6”)
Weight
2.97 kg (6.55 lbs)
Surface Resistivity
105-10Z Ohms
Certification / Marking
cTUVus, CE
Soldering Handle and Coil Assembly Specifications
Tip-to-Ground Potential
< 2 mV RMS
Tip-to-Ground Resistance
<2 ohms
Idle Temperature Repeatability
± 1.1°C (2°F) in still air
Handle Cord Assembly Length
122cm (4’) – burn proof, ESD safe
Connector
8-pin circular DIN
Workstand W x D x H
100 x 200 x 100mm (4” x 8” x 4”)
Workstand Weight
0.69 kg (1.51 lbs)
* RF SmartHeat Technology provides greater power. More details at
www.metcal.com/smartheat
5 Hand-piece Options
Solder Cartridge Hand-piece (MFR-H1-SC2)
Standard equipment with MFR-2210/2211
Tip Solder Hand-piece (MFR-H2-ST2)
Standard equipment with MFR-2220/2222
Precision Tweezer Solder
Hand-piece (MFR-H4-TW).
Standard equipment with
MFR-2240/2241
Desolder Hand-piece
(MFR-H5-DS).
Available as an
accessory; see page 3
SSC Cartridge Solder Hand-piece (MFR-H6-SSC).
Can be used with cartridges from Metcal’s SP200
Soldering Station. Available as an
accessory; see page 3


Similar Part No. - WS1

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
WS1 E-SWITCH-WS1 Datasheet
805Kb / 3P
WS1 Series Snap Action Switch
logo
OKI electronic componet...
WS1 OKI-WS1 Datasheet
5Mb / 64P
Soldering Tools and Equipment for Electronics Assembly
logo
Metcal
WS1 METCAL-WS1 Datasheet
367Kb / 2P
Hand Soldering, Desoldering, & Rework
WS1 METCAL-WS1 Datasheet
4Mb / 9P
60W Single Output Solder / Rework System
WS1 METCAL-WS1 Datasheet
3Mb / 6P
60W Dual Output System w/ Internal Pump Data Sheet
More results

Similar Description - WS1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NAD-601X ETC-NAD-601X Datasheet
42Kb / 2P
60W Open Frame Dual Output
logo
Mean Well Enterprises C...
D-60 MEANWELL-D-60 Datasheet
385Kb / 2P
60W Dual Output Switching Power Supply
RPD-60 MEANWELL-RPD-60 Datasheet
411Kb / 2P
60W Dual Output Medical Type
logo
XP Power Limited
D-60A XPPOWER-D-60A Datasheet
258Kb / 4P
60W Dual Output Switching Power Supply
logo
RSG Electronic Componen...
D-60A RSG-D-60A Datasheet
159Kb / 2P
60W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
D-60 MEANWELL-D-60_10 Datasheet
392Kb / 2P
60W Dual Output Switching Power Supply
RPD-60 MEANWELL-RPD-60_11 Datasheet
422Kb / 2P
60W Dual Output Medical Type
RPD-60 MEANWELL-RPD-60_12 Datasheet
437Kb / 2P
60W Dual Output Medical Type
logo
List of Unclassifed Man...
WHA900 ETC2-WHA900 Datasheet
108Kb / 1P
Hot Air Rework Station With Internal Pump, 120V
logo
SparkFun Electronics
TOL-14557 SPARKFUN-TOL-14557 Datasheet
148Kb / 2P
Hot?륚ir Rework Station ??303D
1??1??8
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com