Electronic Components Datasheet Search
  English  ▼

X  

ADS1174IPAPR Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1174IPAPR
Description  Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1174IPAPR Datasheet(HTML) 15 Page - Texas Instruments

Back Button ADS1174IPAPR Datasheet HTML 11Page - Texas Instruments ADS1174IPAPR Datasheet HTML 12Page - Texas Instruments ADS1174IPAPR Datasheet HTML 13Page - Texas Instruments ADS1174IPAPR Datasheet HTML 14Page - Texas Instruments ADS1174IPAPR Datasheet HTML 15Page - Texas Instruments ADS1174IPAPR Datasheet HTML 16Page - Texas Instruments ADS1174IPAPR Datasheet HTML 17Page - Texas Instruments ADS1174IPAPR Datasheet HTML 18Page - Texas Instruments ADS1174IPAPR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
www.ti.com
MODE SELECTION (MODE)
SYNCHRONIZATION (SYNC)
MODE[1:0]
Pins
ADS1174/78
Mode
NewMode
NewMode
ValidDataReady
DRDY
SPI
Protocol
Frame-Sync
Protocol
t
NDR-SPI
DOUT
NewMode
ValidDataonDOUT
t
NDR-FS
Previous
Mode
ADS1174
ADS1178
SBAS373 – OCTOBER 2007
The ADS1174/78 supports two modes of operation:
The ADS1174/78 can be synchronized by pulsing the
High-Speed and Low-Power. These modes offer
SYNC pin low and then returning the pin high. When
optimization of speed or power. The mode selection
the pin goes low, the conversion process stops, and
is determined by the status of the digital input MODE
the internal counters used by the digital filter are
pins, as shown in Table 6. The ADS1174/78
reset.
When
the
SYNC
pin
returns
high,
the
constantly monitors the status of the MODE pin
conversion process restarts. Synchronization allows
during operation.
the conversion to be aligned with an external event,
such as a reference timing pulse.
Table 6. Mode Selection
Since the converters of the ADS1174/78 operate in
MODE
MODE SELECTION
MAX fDATA
(1)
parallel from the same master clock and use the
0
High-Speed
52,734
same SYNC input control, they are, by default, in
1
Low-Power
10,547
synchronization
with
each
other.
The
sampling
aperture
match
among
the
channels
is
200ps
(1) fCLK = 27MHz (CLKDIV = 1).
(typical). However, the synchronization of multiple
When using the SPI protocol, DRDY is held high after
ADS1174/78s
is
somewhat
different.
At
device
a mode change occurs until settled (or valid) data are
power-on, variations in internal reset thresholds from
ready, as shown in Figure 12 and Table 7.
device
to
device
may
result
in
uncertainty
in
conversion timing.
In Frame-Sync protocol, the DOUT pins are held low
after a mode change occurs until settled data are
The SYNC pin can be used to synchronize multiple
ready, as shown in Figure 12 and Table 7. Data can
ADS1174/78s
to
within
the
same
CLK
cycle.
be read from the device to detect when DOUT
Figure 13 illustrates the timing requirement of SYNC
changes to logic 1, indicating valid data.
and CLK in SPI format.
See Figure 14 for the Frame-Sync format timing
requirement.
Figure 12. Mode Change Timing
Table 7. Mode Change
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
tNDR-SPI
Time for new data to be ready (SPI)
129
Conversions (1/fDATA)
tNDR-FS
Time for new data to be ready (Frame-Sync)
127
128
Conversions (1/fDATA)
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): ADS1174 ADS1178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com