Electronic Components Datasheet Search
  English  ▼

X  

PC3H5 Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC3H5
Description  High Sensitivity Type Half Pitch Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC3H5 Datasheet(HTML) 1 Page - Sharp Corporation

  PC3H5 Datasheet HTML 1Page - Sharp Corporation PC3H5 Datasheet HTML 2Page - Sharp Corporation PC3H5 Datasheet HTML 3Page - Sharp Corporation PC3H5 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PC3H5
PC3H5
s Absolute Maximum Ratings
s Outline Dimensions
(Unit : mm)
*1 The derating factors of absolute maximum ratings due to ambient temperature are
shown in Fig.2 to 5
*2 Pulse width
≤100µs, Duty ratio=0.001(shown in Fig.6)
*3 40 to 60%RH, AC for 1 min, f
=60Hz
*4 For 10 s
Parameter
Symbol
Rating
Unit
Forward current
Peak forward current
IF
IFM
50
1
mA
A
mA
Reverse voltage
Input
Output
VR
6V
V
Power dissipation
Collector-emitter voltage
P70
Collector power dissipation
Collector current
Total power dissipation
150
35
80
mW
mW
mW
Ptot
IC
PC
VCEO
V
Emitter-collector voltage
6
VECO
Viso (rms)
kV
170
Operating temperature
Topr
−40 to +125
−30 to +100
°C
°C
Storage temperature
Isolation voltage
Tstg
*3
*1
*1
*1
*1
*4
*2
Soldering temperature
Tsol
260
2.5
°C
(Ta
=25°C)
1. Programmable controllers
2. Facsimiles
3. Telephones
s Features
s Applications
s Package Specifications
High Sensitivity Type Half Pitch
Photocoupler
1. Half pitch surface mount type for high density mounting
(Lead pitch:1.27mm)
2. High sensitivity (darlington type)
3. Soldering reflow type (230˚C, for 30s)
4. Taping package
5. Isolation voltage (Viso (rms):2.5kV)
6. Recognized by UL, file No. E64380
Notice
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
Internet
Internet address for Electronic Components Group http://www.sharp.co.jp/ecg/
(1.7)
1
Anode mark
2
3H5
4
3
4.4±
0.2
5.3±
0.3
7.0+
0.2
−0.7
0.5+
0.4
−0.2
Epoxy resin
Internal connection
diagram
Anode
Cathode
Emitter
Collector
1
2
4
3
1
2
3
4
Model No.
Package specification
PC3H5
Taping reel diameter 330mm (3 000pcs.)
0.2mm or more
Soldering area


Similar Part No. - PC3H5

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC3H510NIP0F SHARP-PC3H510NIP0F Datasheet
187Kb / 12P
Mini-flat Half Pitch Package, Darlington Phototransistor Output, Low Input Current Photocoupler
PC3H5J00000F SHARP-PC3H5J00000F Datasheet
185Kb / 12P
Mini-flat Half Pitch Package, Darlington Phototransistor Output Photocoupler
More results

Similar Description - PC3H5

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
6N139 SHARP-6N139 Datasheet
68Kb / 5P
High Sensitivity, High Speed OPIC Photocoupler
PC715V SHARP-PC715V Datasheet
66Kb / 4P
High Sensitivity Type Photocoupler
PC716V SHARP-PC716V Datasheet
62Kb / 4P
High Sensitivity, High Output Type Photocoupler
PC725V SHARP-PC725V Datasheet
68Kb / 4P
High Sensitivity, High Collector-emitter Voltage Type Photocoupler
PC815 SHARP-PC815 Datasheet
112Kb / 4P
High Sensitivity, High Density Mounting Type Photocoupler
PC930 SHARP-PC930 Datasheet
82Kb / 6P
Digital Output, High Sensitivity Type OPIC Photocoupler
PC845 SHARP-PC845 Datasheet
106Kb / 5P
High Sensitivity, High Density Mounting Type Photocoupler
PC935 SHARP-PC935 Datasheet
82Kb / 6P
Digital Output, High Sensitivity Type OPIC Photocoupler
PC3Q65 SHARP-PC3Q65 Datasheet
52Kb / 4P
High Sensitivity Type Half Pitch Photocoupler
PC725V0NSZX SHARP-PC725V0NSZX Datasheet
158Kb / 15P
High Sensitivity and High Collector-emitter Voltage Type Photocoupler
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com