Electronic Components Datasheet Search
  English  ▼

X  

PC3H5 Datasheet(PDF) 3 Page - Sharp Corporation

Part # PC3H5
Description  High Sensitivity Type Half Pitch Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC3H5 Datasheet(HTML) 3 Page - Sharp Corporation

  PC3H5 Datasheet HTML 1Page - Sharp Corporation PC3H5 Datasheet HTML 2Page - Sharp Corporation PC3H5 Datasheet HTML 3Page - Sharp Corporation PC3H5 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PC3H5
0
50
100
150
200
−30
0
25
50
75
100
125
Ambient temperature Ta (°C)
0
50
100
150
200
170
−30
0
25
50
75
100
125
Ambient temperature Ta (°C)
Fig.3
Collector Power Dissipation vs.
Ambient Temperature
Fig.5
Peak Forward Current vs. Duty Ratio
Fig.4
Total Power Dissipation vs. Ambient
Temperature
Pulse width
≤100µs
Ta=25°C
10
20
50
100
200
2 000
500
1 000
52
10
−3
52
10
−2
52
10
−2
5
1
Duty ratio



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com