Electronic Components Datasheet Search
  English  ▼

X  

ADC10462CIWM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC10462CIWM
Description  10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10462CIWM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  ADC10462CIWM Datasheet HTML 1Page - National Semiconductor (TI) ADC10462CIWM Datasheet HTML 2Page - National Semiconductor (TI) ADC10462CIWM Datasheet HTML 3Page - National Semiconductor (TI) ADC10462CIWM Datasheet HTML 4Page - National Semiconductor (TI) ADC10462CIWM Datasheet HTML 5Page - National Semiconductor (TI) ADC10462CIWM Datasheet HTML 6Page - National Semiconductor (TI) ADC10462CIWM Datasheet HTML 7Page - National Semiconductor (TI) ADC10462CIWM Datasheet HTML 8Page - National Semiconductor (TI) ADC10462CIWM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
ADC10461/ADC10462/ADC10464
10-Bit 600 ns A/D Converter with Input Multiplexer and
Sample/Hold
General Description
NOTE: The ADC10461 and ADC10462 are obsolete. They
are described here for reference only.
Using an innovative, patented multistep* conversion tech-
nique, these 10-bit CMOS analog-to-digital converters offer
sub-microsecond conversion times yet dissipate a maximum
of only 235 mW. These converters perform 10-bit conversion
in two lower-resolution “flashes”, yielding a fast A/D without
the cost, power consumption, and other problems associ-
ated with true flash approaches. Dynamic performance
(THD, S/N) is guaranteed.
The analog input voltage is sampled and held by an internal
sampling circuit. Input signals at frequencies from DC to over
200 kHz can, therefore, be digitized accurately without the
need for an external sample-and-hold circuit.
The ADC10462 and ADC10464 include a “speed-up” pin.
Connecting an external resistor between this pin and ground
reduces the typical conversion time to as little as 350 ns with
only a small increase in linearity error.
For ease of interface to microprocessors, the ADC10461,
ADC10462, and ADC10464 have been designed to appear
as a memory location or I/O port without the need for exter-
nal interface logic.
Features
n
Built-in sample-and-hold
n
Single +5V supply
n
No external clock required
n
Speed adjust pin for faster conversions (ADC10462 and
ADC10464)
Key Specifications
n
Conversion Time
600 ns (typical)
n
Sampling Rate
800 kHz
n
Low Power Consumption
235 mW (max)
n
Total Harmonic Distortion (50 kHz)
−60 dB (max)
n
No Missing Codes
Over Temperature
Applications
n
Digital signal processor front ends
n
Instrumentation
n
Disk drives
n
Mobile telecommunications
Note: *U.S. Patent Number 4918449
Simplified Block Diagram
01110809
*ADC10461 Only
**ADC10462 and ADC10464 Only
***ADC10464 Only
April 2006
© 2006 National Semiconductor Corporation
DS011108
www.national.com


Similar Part No. - ADC10462CIWM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC10462CIWM NSC-ADC10462CIWM Datasheet
760Kb / 16P
10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10462CIWMX NSC-ADC10462CIWMX Datasheet
760Kb / 16P
10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
More results

Similar Description - ADC10462CIWM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC10061 NSC-ADC10061 Datasheet
333Kb / 14P
10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10461 NSC-ADC10461 Datasheet
760Kb / 16P
10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10662 NSC-ADC10662 Datasheet
274Kb / 14P
10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10064 NSC-ADC10064 Datasheet
342Kb / 14P
10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10664CIWMX TI1-ADC10664CIWMX Datasheet
974Kb / 22P
ADC10662/ADC10664 10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10061 TI1-ADC10061_14 Datasheet
1Mb / 23P
ADC10061/ADC10062/ADC10064 10-Bit 600 ns A/D Converter with Input Multiplexer and Sample
ADC10662 TI1-ADC10662_14 Datasheet
1,008Kb / 23P
10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10461 TI1-ADC10461_14 Datasheet
1Mb / 24P
10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10461 TI1-ADC10461_15 Datasheet
1Mb / 23P
10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10662 TI1-ADC10662_15 Datasheet
1,010Kb / 22P
10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com