Electronic Components Datasheet Search
  English  ▼

X  

VSC5529 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC5529
Description  9.9 Gb/s - 12.5 Gb/s NRZ LiNbO3 Modulator Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC5529 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC5529 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC5529 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VSC5529
APPLICA TIONS:
Metro and Long Haul LiNbO3 NRZ Applications
Sonet OC-192 / SDH STM-64 Transmitters
G.709, G.975, GbE, & Proprietary FEC Systems
Line Cards
Transponder Modules
FEA TURES:
Wide Output Dynamic Range
Ultra-small 16mm x 16mm BGA Package
High Input Sensitivity
Low Jitter
Precision Output Amplitude Monitor Circuitry
Single-ended or Differential Input
Precise Duty Cycle Control
BENEFITS:
Surface Mount Package
Superior Electrical / Optical Eye Quality
Easy Application of Closed-loop Amplitude Control
Differential Input Accommodates Inverting or Non-inverting
Implementations
Input Limiting Amplifier for Consistent Output Quality
SPECIFICA TIONS:
9.9 – 12.5 Gb/s NRZ Datarates
250mVp-p Single-ended Input Sensitivity
4.0 – 7.0Vp-p Output Amplitude (VSC5529-01)
3.0 – 6.0 Vp-p Output Amplitude (VSC5529-02)
Typical S11 and S22 of –14dB
Jitter 10pspp Typical
Rail Ripple 5% Typical
Output Amplitude Stability 1% Typical (under closed loop control)
+8V / -5.2V Supplies
40-60% Duty Cycle Control Range
BLOCK DIAGRAM:
9.9 Gb/s – 12.5 Gb/s NRZ LiNbO3 Modulator Driver
TRANSPORT PRODUCTS
PB-VSC5529-001
NEGATIVE BIAS CONTROL
BIAS
NEGATIVE BIAS CONTROL
BIAS
CPC
A2
LA
A 1
NEGATIVE BIAS CONTROL
VEE
GND
INTERNAL
BIAS-T
INB
OUT
VCC
VC
DET, REF
GEN.
IN
DET REF
GND
AMPLITUDE
CONTROL
CIRCUITRY


Similar Part No. - VSC5529

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC5531 VITESSE-VSC5531 Datasheet
43Kb / 1P
10 GHz to 12.5 GHz Clock Driver
More results

Similar Description - VSC5529

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4954-SL TRIQUINT-TGA4954-SL Datasheet
1Mb / 14P
9.9 - 12.5 Gb/s Optical Modulator Driver
logo
Vitesse Semiconductor C...
VSC7983 VITESSE-VSC7983 Datasheet
1Mb / 2P
11.2 Gb/s Electroabsorption Modulator Driver
VSC7984 VITESSE-VSC7984 Datasheet
1Mb / 2P
11.3 Gb/s Electroabsorption Modulator Driver
VSC7992 VITESSE-VSC7992 Datasheet
459Kb / 2P
10.7 Gb/s RZ or NRZ Laser Modulator Driver
logo
TriQuint Semiconductor
TGA4823-SM TRIQUINT-TGA4823-SM Datasheet
972Kb / 16P
9.9 - 12.5 Gb/s Linear/Limiting Optical Modulator Driver
TGA4823-2-SM TRIQUINT-TGA4823-2-SM Datasheet
1Mb / 16P
9.9 -12.5 Gb/s Linear/Limiting Optical Modulator Driver
TGA4823-2-SM TRIQUINT-TGA4823-2-SM_15 Datasheet
1Mb / 16P
9.9 to 12.5 Gb/s Linear/Limiting Optical Modulator Driver
TGA4954-SL TRIQUINT-TGA4954-SL_15 Datasheet
2Mb / 15P
9.9 - 12.5 Gb/s Optical Modulator Driver
TGA4957-SM TRIQUINT-TGA4957-SM Datasheet
299Kb / 1P
28 Gb/s Differential Modulator Driver
logo
Qorvo, Inc
TGA4957-SM QORVO-TGA4957-SM Datasheet
299Kb / 1P
28 Gb/s Differential Modulator Driver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com