Electronic Components Datasheet Search
  English  ▼

X  

VSC5529 Datasheet(PDF) 2 Page - Vitesse Semiconductor Corporation

Part # VSC5529
Description  9.9 Gb/s - 12.5 Gb/s NRZ LiNbO3 Modulator Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC5529 Datasheet(HTML) 2 Page - Vitesse Semiconductor Corporation

  VSC5529 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC5529 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
For more information on Vitesse Products visit the Vitesse web site
at www.vitesse.com or contact Vitesse Sales at (800) VITESSE
or send email to: sales@vitesse.com
©2003 Vitesse Semiconductor Corporation
741 Calle Plano
Camarillo, CA 93012, USA
Tel: +1 805.388.3700
Fax: +1 805.987.5896
www.vitesse.com
The VSC5529 is a precision LiNbO3 modulator driver. The input can be driven single-ended or
differentially and features a single-ended sensitivity of 250mV. The VSC5529 provides a high
quality single-ended output with amplitude control, precision amplitude monitoring circuitry,
and eye crossing point control. The VSC5529 provides a digital limiting amplifier function to
ensure high quality and very repeatable output signal characteristics even with less than
optimal input signals. Key specifications include ultra-small form factor, fast rise/fall times,
low output jitter, high voltage drive capability, high input sensitivity and low rail ripple.
Furthermore, the VSC5529 amplitude control feature is specifically designed to provide
consistent output shape and crossing point over the full range of control.
GENERAL DESCRIPTION:
VSC5529
APPLICATION DIAGRAM:
9.9 Gb/s – 12.5 Gb/s NRZ LiNbO3 Modulator Driver
FEC / Framer
ASIC
MUX-CMU
VSC5529
LiNbO3
Optical Modulator
CW Laser
Modulated Optical Signal
Optical Fiber
FEC
• VSC9271
• VSC6131
• VSC6134
FRAMER
• VSC9186
• VSC9118
MUX
• VSC1233
• VSC1235
• VSC1237
XCVR
• VSC8479



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com