Electronic Components Datasheet Search
  English  ▼

X  

VSC6134 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC6134
Description  Advanced 10 Gb/s Transport Processor with Enhanced FEC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC6134 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC6134 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC6134 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PHYSICAL LAYER PRODUCT
VSC6134
Advanced 10 Gb/s Transport Processor with Enhanced FEC
TRANSPORT PRODUCT
PB-VSC6134-001
APPLICA TIONS:
Long-haul / Metro Transponder with STS192 / 10GbE /
G.709 Performance Monitoring and G.975 or Enhanced FEC
Long-haul / Metro Regenerator with G.709 Performance
Monitoring and G.975 or Enhanced FEC
Dual G.709 Regenerator
Network to Network Bridge
OTN Optical Crossconnect
FEA TURES:
Two ITU-T G.709 Compliant Processors
GR253 Compliant STS192 Section/Line Processor
OTU Synchronous and Asynchronous Mapping
10 Gb/s Ethernet transport with RMON MIB per IEEE 802.3
ITU-T G.975 Reed-Solomon Encoder/Decoder
16-bit Intel/Motorola Compatible Microprocessor Interface
PRBS Generation/Detection
Adaptation and Regenerator Functionality Supported
JTAG Boundry Scan
BENEFITS:
eFEC Allow for Maximum Optical Budget with Standards-based 7% Overhead
G.709/G.975 Processor Allows for Standards-based FEC Operation
Measured eFEC OSNR Coding Gain >9dB at BER of 1x10-13
Asynchronous Mapping Enables Network-bridging Function
STS192 Performance Monitor/Generator Provide Bellcore Compliant
Client Parametrics
10 Gb/s Ethernet PCS and MAC Performance Monitoring for Data Traffic
SPECIFICA TIONS:
2.5/3.3 Volt I/O -- 1.2 Volt Core
Typical power 3.5 Watts
897 pin CBGA 35.0mm x 35.0mm
Telecom Temp Range: 0 to 85 Degrees C
°
BLOCK DIAGRAM:
Line (West) Interface
South (Drop) Path
North (Add ) Path
RS FEC
Encoder
EFEC
Encoder
RS FEC
Decoder
EFEC
Decoder
Microprocessor
Interface
FPGA Serial
Interface
Clock Dividers and
Phase-Frequency
Detectors
10GbE
MAC
Stats
DW
Generator
DW
Monitor
DW
Generator
Network (East) Interface
64B/66B
Decoder
10GbE
MAC
Stats
64B/66B
Decoder
16 622.08/624.70/
644.53/669.33/
690.25 Mb/s
16 622.08/624.70/
644.53/669.33/
690.25 Mb/s
RS FEC
Encoder
RS FEC
Decoder
DW
Monitor
16
622.08/669.33/
690.25 Mb/s
16
622.08/669.33/
690.25 Mb/s
SONET/
SDH
Processor
SONET/
SDH
Processor


Similar Part No. - VSC6134

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
VSC600P10MS VBSEMI-VSC600P10MS Datasheet
520Kb / 9P
P-Channel 100-V (D-S) MOSFET
logo
Vitesse Semiconductor C...
VSC6048 VITESSE-VSC6048 Datasheet
204Kb / 18P
High-Speed Octal Programmable Timing Generator
VSC6250 VITESSE-VSC6250 Datasheet
226Kb / 18P
1Gb/s 16-Channel Drive-Side Deskew IC
VSC6250QW VITESSE-VSC6250QW Datasheet
226Kb / 18P
1Gb/s 16-Channel Drive-Side Deskew IC
VSC6424 VITESSE-VSC6424 Datasheet
364Kb / 18P
500 Mb/s Video Shift Register IC
More results

Similar Description - VSC6134

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7219 PHILIPS-SAA7219 Datasheet
84Kb / 20P
MPEG2 Transport RISC processor
1999 Sep 20
SAA7240 PHILIPS-SAA7240 Datasheet
127Kb / 32P
MPEG-2 Transport RISC processor
2001 Oct 22
logo
YAMAHA CORPORATION
YGV627 YAMAHA-YGV627 Datasheet
318Kb / 16P
AVDP3E - Advanced Video Display processor 3 Enhanced
logo
Vitesse Semiconductor C...
VSC9118 VITESSE-VSC9118 Datasheet
190Kb / 2P
10 Gb/s / Quad 2.5 Gb/s Multi-Service SONET/SDH Mapper Device with Virtual Concatenation
logo
TriQuint Semiconductor
TGA4805-EPU TRIQUINT-TGA4805-EPU Datasheet
213Kb / 6P
10 GB/s Differential Transimpedance Amplifier
logo
Eudyna Devices Inc
F0100604B EUDYNA-F0100604B Datasheet
1Mb / 9P
10 Gb/s Receiver Transimpedance Amplifier
logo
ANADIGICS, Inc
ATA7609 ANADIGICS-ATA7609 Datasheet
178Kb / 12P
10 Gb/s High Overload TIA
Rev 1.0
logo
Broadcom Corporation.
BCM8512 BOARDCOM-BCM8512 Datasheet
131Kb / 2P
DWDM TRANSPORT PROCESSOR WITH INTEGRATED 10G TRANSCEIVER, G.709 FEC, SONET/SDH, AND 10GE PERFORMANCE MONITOR
logo
Synaptics Incorporated.
CX24114 CONEXANT-CX24114 Datasheet
606Kb / 2P
Advanced Modulation Demodulator and Turbo FEC Decoder
logo
Keysight Technologies
N4970A KEYSIGHT-N4970A Datasheet
2Mb / 6P
PRBS generator 10 Gb/s
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com