Electronic Components Datasheet Search
  English  ▼

X  

VSC6134 Datasheet(PDF) 2 Page - Vitesse Semiconductor Corporation

Part # VSC6134
Description  Advanced 10 Gb/s Transport Processor with Enhanced FEC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC6134 Datasheet(HTML) 2 Page - Vitesse Semiconductor Corporation

  VSC6134 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC6134 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
For more information on Vitesse Products visit the Vitesse web site
at www.vitesse.com or contact Vitesse Sales at (800) VITESSE
or sales@vitesse.com
©2003 Vitesse Semiconductor Corporation
741 Calle Plano
Camarillo, CA 93012, USA
Tel: +1 805.388.3700
Fax: +1 805.987.5896
www.vitesse.com
arbitrary data streams of approximately 10 Gb/s for applications
in data and telecom networks. It is especially suitable for
OC192c/STM- 64 SONET/SDH and 10Gbps Ethernet applications,
as it supports monitoring and termination of section and line
overhead as well as RMON.
As recommended by ITU-T G.709, in standard FEC mode, error
coding is performed using a 16X interleaved block oriented
Reed-Solomon RS (255,239) coder, resulting in a maximum
correctable burst error length of 1024 bits. In enhanced FEC
mode, a different code with iterative decoding is used to provide
increased code gain. Due to the out of band transmission of the
parity bits and framing/overhead information, the transmission
rate is increased by a factor of 1.07 in both standard and
enhanced FEC mode resulting in a 10.7 Gb/s transmission rate.
GENERAL DESCRIPTION:
10 Gb/s Transport Processor with Enhanced FEC
VSC6134
The VSC6134 is a bi-directional transport
processor
providing
Forward
Error
Correction (FEC), SONET/SDH section and
line processing, 10 Gb/s Ethernet performance
monitoring and G.709 Digital Wrapper
termination and generation for fiber optic
transmission lines operating at approximately 10 Gb/s. As
recommended by ITU-T G.975 and G.709, VSC6134 provides FEC
based on a block oriented Reed-Solomon code RS(255,239) in
addition to an optional proprietary FEC code that provides
increased gain with the same overhead as RS(255,239). The
required error correction symbols are transferred out of band
increasing the transmission data rate by 7.1%.
The VSC6134 FEC device provides superior error correction of
APPLICA TION DIAGRAMS:
Transparent
10 x GbE
OTU2
G.975 / eFEC
VSC6134
G.709
Mapper
Campbell
VSC7331
MAC
VSC9118
VC / GFP
Mapper
VSC8479
CMOS
10g Xceiver
SPI4.2
SFI4
STS192/STM64
10G CBR/
OTU2 /
SuperFEC
VSC6134
G.709
Mapper
VSC8479
CMOS
10g Xceiver
SFI4
VSC1137/
VSC1138
MUX /
DMUX
SFI4
Data Over G.709 Digital Wrapper
TDM Over G.709 Digital Wrapper



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com