Electronic Components Datasheet Search
  English  ▼

X  

VSC7142 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC7142
Description  Dual Repeater/Retimer for Fibre Channel and Gigabit Ethernet
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7142 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC7142 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7142 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
User-Selectable, On-chip Receive Termination at Either 100
or 150
Speed Independent Tx and Rx Paths Aid in Fibre Channel
Auto-Speed Negotiation
World-class Signal Integrity for Jitter Compliance – Reduces
Debug and Redesign Efforts
Two Digital/Analog Signal Detect Units to Detect the Presence
of Valid Fibre Channel Encoded Serial Data – Improves Signal
Detect Reliability
User Selectable Pre-emphasis on all High-speed Outputs –
Compensates for Deterministic Jitter Due to Long Traces
and Cables
106.25MHz or 125MHz Reference Clock
5V-tolerant LVTTL Inputs – Provides Design Flexibility and
Backward Compatibility
Cable Equalization on all High-speed Inputs – Reliably
Recovers Jittery Signals
Single 2.5V Supply – Reduces Wiring Complexity
64-pin, 10x10mm TQFP Package – Ideal for High Density
Designs
FEA TURES:
Two FibreTimer™ Cells Configurable as:
- Repeaters for Low Latency
- Retimers for True Fibre Channel Compliance
-Provides Design Flexibility by Allowing Mixing and Matching
of the Functions for Design Optimization
Digital Design of the FibreTimers Produce a Device that is
Well Controlled Over Voltage, Process and Temperature
Variations – Provides a More Robust and Reliable Design
Supports Both 1.0625 Gb/s and 2.125 Gb/s Fibre Channel
Data Rates – Dual Mode Provides Flexibility by Having One
Device for New and Legacy Designs
Supports 1.25 Gb/s Data Rates for Gigabit Ethernet Applications
VSC7142 Dual Repeater/Retimer for Fibre Channel and Gigabit Ethernet
DATACOM PRODUCTS
PB-VSC7142-001
VSC7142
BLOCK DIAGRAM:
1
0
MUX2
MUX0
MUX3
0
1
MUX1
0
1
1
0
Fibre
Timer0
I0+
I0
−
I1+
I1
−
Fibre
Timer1
O0+
O0
−
O1+
O1
−


Similar Part No. - VSC7142

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7140 VITESSE-VSC7140 Datasheet
115Kb / 12P
1.0625 Gb/s Fibre Channel Dual Repeater / Hub Node
VSC7140QJ VITESSE-VSC7140QJ Datasheet
115Kb / 12P
1.0625 Gb/s Fibre Channel Dual Repeater / Hub Node
VSC7145 VITESSE-VSC7145 Datasheet
746Kb / 2P
Dual Speed 10-bit Serializer/Deserializer
VSC7145RU-30 VITESSE-VSC7145RU-30 Datasheet
746Kb / 2P
Dual Speed 10-bit Serializer/Deserializer
VSC7145RU-31 VITESSE-VSC7145RU-31 Datasheet
746Kb / 2P
Dual Speed 10-bit Serializer/Deserializer
More results

Similar Description - VSC7142

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7123 VITESSE-VSC7123 Datasheet
208Kb / 18P
10-Bit Transceiver for Fibre Channel and Gigabit Ethernet
VSC7132 VITESSE-VSC7132 Datasheet
101Kb / 8P
Link Replicator for Fibre Channel, Gigabit Ethernet and HDTV
VSC7133 VITESSE-VSC7133 Datasheet
304Kb / 18P
10-bit Transceiver for Fibre Channel and Gigabit Ethernet
VSC7127 VITESSE-VSC7127 Datasheet
174Kb / 12P
Family of Repeater/Retimer and Port Bypass Circuits for Fibre Channel
VSC7182 VITESSE-VSC7182 Datasheet
233Kb / 18P
Quad Transceiver for Gigabit Ethernet and Fibre Channel
logo
Agilent(Hewlett-Packard...
HDMP-1687 HP-HDMP-1687 Datasheet
340Kb / 16P
Four Channel SerDes Circuit for Gigabit Ethernet and Fibre Channel
HDMP-1636A HP-HDMP-1636A Datasheet
281Kb / 18P
Gigabit Ethernet and Fibre Channel SerDes ICs
logo
Vitesse Semiconductor C...
VSC7139 VITESSE-VSC7139 Datasheet
247Kb / 18P
Quad Transceiver for Gigabit Ethernet and Fibre Channel
VSC7132-01 VITESSE-VSC7132-01 Datasheet
94Kb / 2P
Link Replicator for Fibre Channel, Gigabit Ethernet and HDTV
logo
MRV Communications, Inc...
SFP-G-MMX MRV-SFP-G-MMX Datasheet
43Kb / 1P
Gigabit Ethernet and Fibre Channel SFPs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com