| Electronic Components Datasheet Search |
|
VSC7142 Datasheet(PDF) 2 Page - Vitesse Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
VSC7142 Datasheet(HTML) 2 Page - Vitesse Semiconductor Corporation |
|
2 / 2 page ![]() For more information on Vitesse Products visit the Vitesse web site at www.vitesse.com or contact Vitesse Sales at (800) VITESSE or sales@vitesse.com ©2003 Vitesse Semiconductor Corporation 741 Calle Plano Camarillo, CA 93012, USA Tel: +1 805.388.3700 Fax: +1 805.987.5896 www.vitesse.com VSC7142 Dual Repeater/Retimer for Fibre Channel and Gigabit Ethernet VSC7142 The VSC7142 contains two FibreTimer Repeater /Retimer cells and Signal Detect Units (SDUs) primarily used for bidirectional signal clean up applications. Each FibreTimer cell contains an all-digital clock recovery unit which can be configured as either a Repeater or a Retimer. Repeaters recover the incoming signal and retransmit the data synchronously to the recovered clock in order to attenuate jitter so that downstream devices see high amplitude, low jitter signals. Retimers eliminate jitter transfer by retiming the recovered data to the local reference clock. An add/ drop FIFO inserts or deletes 40-bit Fibre Channel Fill Words to match the incoming data rate to the local reference clock, thereby ensuring Fibre Channel compliance at the output of the Retimer. The VSC7142 also operates as a Repeater for Gigabit Ethernet applications at 1.25 Gb/s. Retimer mode is not available for Gigabit Ethernet applications. MUL TI-NODE SWITCH APPLICA TION: One application for the VSC7142 is in high port-count Fibre Channel and Ethernet systems, such as switches. The following diagram shows a switch with a CMOS protocol ASIC with integrated Serializer/Deserializers (SerDes) located on the Switch Fabric card. Serial data from the protocol ASIC passes through multiple connectors and long traces on the PCB before reaching the connector. Without the VSC7142, the signal quality at the connectors would result in poor system performance. However, by using the VSC7142, signal quality is ensured to meet the specifications of Fibre Channel standards at the system interface connectors. GENERAL DESCRIPTION: Fibre Channel Switch Switch ASIC Switch Fabric Card Li ne Card C onnectors VSC7142 Backplane Port 1 FibreTimer0 > < FibreTimer1 Port N |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |