Electronic Components Datasheet Search
  English  ▼

X  

VSC7281 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC7281
Description  Dual XAUI - Single XGMII Quad 0.95 Gbps to 3.25 Gbps Transceiver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7281 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC7281 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7281 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VSC7281
FEA TURES:
IEEE802.3ae 10 Gigabit Ethernet Compliant
ANSI 10Gb Fibre Channel Compliant
Dual XAUI Serial Bus
Single XGMII Parallel Bus
0.95 Gbps to 3.25 Gbps Quad SerDes/Transceiver
XAUI Compliant Retimer and Repeater Modes
Simultaneous Operation at Multiple Frequencies
Programmable Pre-Emphasis and Signal Equalization
8B/10B Encoder/Decoder with Optional Bypass
Programmable Rate Matching Characters
Elastic Buffer for Intra/Inter-Chip Deskewing and Channel-to-
Channel Alignment
Received Data Aligned to Local REFCLK or to Recovered Clock
TX and RX Rate Matching for FC, 1GbE, and InfiniBand™
Output Reduced Swing Level for Optics
Serial and Parallel Loopback
Fast Locking CRU
Flexible CMU Operation
IEEE802.3 MDIO Register Interface
Multiple Built-In-Self Test Diagnostics and Counters
- PRBS, CRPAT, CJPAT Pattern Generation
JTAG Boundary Scan
HSTL1.5 and HSTL1.8 Parallel I/O
Dual XAUI – Single XGMII Quad 0.95 Gbps to 3.25 Gbps Transceiver
APPLICA TIONS:
10 Gigabit Ethernet and Fibre Channel Links
- XENPAK, X2, XPAK Module Connections
High Speed Serial Backplanes
- XAUI Channel
- Independent Channel Control
Box-to-Box Serial Communications
- Copper, Coax, and Fiber
SPECIFICA TIONS:
Packaged in a 324-pin, 19mm x 19mm TEPBGA
Input Termination, Internal 100
Ω Differential
Input Signal Detection and Signal Equalization
Multiple Internal Clocking Modes
BLOCK DIAGRAM:
BACKPLANE PRODUCTS
PB-VSC7281-001
XGMII
Parallel
Port
Encode/
Decode
XAUI-B
XAUI-A
Serial
Port B
Serial
Port A
4x4
MUX
CMU
MDIO DIAG
Enterprise
Access
Metro
Core


Similar Part No. - VSC7281

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7280 VITESSE-VSC7280 Datasheet
444Kb / 2P
Dual XAUI - Dual XGMII Octal 0.95 Gbps to 3.25 Gbps Transceiver
More results

Similar Description - VSC7281

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK2500IRCP TI-TLK2500IRCP Datasheet
268Kb / 20P
1.6 Gbps to 2.5 Gbps TRANSCEIVER
TLK4015 TI-TLK4015 Datasheet
350Kb / 24P
QUAD 0.6 TO 1.5 Gbps TRANSCEIVER
TLK4120 TI-TLK4120 Datasheet
346Kb / 19P
QUAD 0.5 to 1.3 Gbps TRANSCEIVER
logo
Vitesse Semiconductor C...
VSC7280 VITESSE-VSC7280 Datasheet
444Kb / 2P
Dual XAUI - Dual XGMII Octal 0.95 Gbps to 3.25 Gbps Transceiver
VSC8486 VITESSE-VSC8486 Datasheet
485Kb / 2P
10 Gbps XAUI or XGMII to XFI LAN/WAN Transceiver
logo
Texas Instruments
TLK2500 TI1-TLK2500 Datasheet
297Kb / 10P
1.6 Gbps to 2.5 Gbps TRANSCEIVER
TLK3114SC TI1-TLK3114SC Datasheet
368Kb / 68P
10-Gbps XAUI Transceiver
TLK3114SA TI1-TLK3114SA_13 Datasheet
317Kb / 66P
10-Gbps XAUI Transceiver
TLK3101 TI1-TLK3101_16 Datasheet
612Kb / 28P
2.5 Gbps to 3.125 Gbps TRANSCEIVER
TLK3114SA TI1-TLK3114SA Datasheet
328Kb / 68P
10-Gbps Xaui Transceiver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com