Electronic Components Datasheet Search
  English  ▼

X  

VSC7281 Datasheet(PDF) 2 Page - Vitesse Semiconductor Corporation

Part # VSC7281
Description  Dual XAUI - Single XGMII Quad 0.95 Gbps to 3.25 Gbps Transceiver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7281 Datasheet(HTML) 2 Page - Vitesse Semiconductor Corporation

  VSC7281 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7281 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
741 Calle Plano
Camarillo, CA 93012, USA
Tel: +1 805.388.3700
Fax: +1 805.987.5896
www.vitesse.com
The VSC7281 is a Dual XAUI – Single
XGMII Transceiver tailored for 10 Gigabit
Ethernet (10GbE) and 10 Gigabit Fibre
Channel (10GFC) applications. The feature
set and flexibility of these devices make
them perfectly suited for Backplane and
other Serial Interconnect applications such as Serial Rapid
I/O, PCI Express and XAUI.
With four channels of serial transmitter/receiver pairs, these
transceivers can deliver a duplex data rate of greater than 20
Gbps. These serial channels can be configured for independent
operation, or as fully 10GbE/10GFC compliant XAUI (10 Gigabit
Attachment Unit Interface) serial buses. The parallel bus is fully
XGMII (10 Gigabit Media Independent Interface) compliant. When
independent channel operation is required, the parallel bus can
be configured for either 8- or 10-bit operation with the ability to
enable or bypass the internal 8B/10B encoders/decoders.
No additional external logic is required for the basic operation of
this device. However, for flexibility and systems adaptability, an
MDIO (Management Data Input/Output) interface is provided for
internal register access. These registers are MDIO compliant and
allow for monitoring and configuration of special modes for
diagnostics, BIST (Built-In-Self Test), and various control of
special channel features, such as pre-emphasis, cable
equalization, reduced output swing, loopback, signal detection
and XAUI port selection.
The flexibility of this device is not only seen in the MDIO register
programmable feature set, but also in a wide range of supported
frequencies. With a serial data rate that can range from 0.95
Gbps to 3.25 Gbps, this device supports multiple communication
applications such as Fibre Channel, InfiniBand, and Ethernet. The
VSC7281 has the functionality to support these common rates
simultaneous with a single external reference clock.
Whether the application is a high-speed backplane, chassis-to-
chassis communication or an optical link, these devices can
provide the flexibility and reliability required in today’s high-end
Data Communication systems.
GENERAL DESCRIPTION:
Dual XAUI – Single XGMII Quad 0.95 Gbps to 3.25 Gbps Transceiver
VSC7281
2GFC and 1GFC Simultaneous Operation
APPLICA TIONS:
MODES OF OPERA TION:
The VSC7281 allow for flexibility in multiple systems
environments.
• Single Port XGMII-Dual XAUI
- Supervisor and Redundant XAUI
- Link Ready State Diagnostics
XAUI-B
XAUI-A
XGMII
XAUI
Retimer
•
-Through
Retimer/Switch
•
-up
XAUI-B
XAUI-A
XAUI
Retimer
XAUI Loop
XAUI
XGMII Bypass
Supervisor
High Speed Signal Clean
-
-
-
XGMII
10 Gigabit Ethernet Port Application
• Driving out-of-box optics or backplane
XENPAK
Optical Module
Backplane
Interconnect
10GE MAC(s),
10GE Switch,
and/or
Switch Fabric(s)
XGMII
XAUI-B
XAUI-A
VSC7281
SerDes
Transceiver
XENPAK
Optical Module
Backplane
Interconnect
10GE MAC(s),
10GE Switch,
and/or
Switch Fabric(s)
2x2.125 Gbps
2-lane FC
2-lane FC
2x1.06 Gbps
2x2.125G
2x1.06G
Vitesse, ASIC-Friendly, FibreTimer, TimeStream and Snoop Loop are trademarks of Vitesse Semiconductor Corporation.
All other trademarks or registered trademarks mentioned herein are the property of their respective holders. Vitesse
Semiconductor Corporation ("Vitesse") retains the right to make changes to its products or specifications to improve
performance, reliability or manufacturability. All information in this document, including descriptions of features,
functions, performance, technical specifications and availability, is subject to change without notice at any time.
For more information on Vitesse Products visit the Vitesse web site
at www.vitesse.com or contact Vitesse Sales at (800) VITESSE
or sales@vitesse.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com