| Electronic Components Datasheet Search |
|
VSC7324 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
VSC7324 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation |
|
1 / 2 page ![]() ENABLING UL TRA HIGH DENSITY SWITCH DESIGNS: BENEFITS: Reduces the Number of Components Needed to Build High-density Triple Speed Linecards Eliminates Unused Bandwidth at the Client Interface Enables Seamless Connection to a Variety of Packet Processors. Low Pin-Count, high-Speed Interface simplifies Interconnection of MAC & PHY Maintains Network Stability During Peak Network Utilization Provides user defined fairness During Periods of Oversubscription Filters Unwanted Traffic and Minimizes Congestion During Periods of Oversubscription Flexible Options for Configuration, Control, & Statistical Access Extensive Support for Performance Monitoring and Billing FEA TURES: 24 Triple Speed Ethernet Ports Intelligent 2:1 Oversubscription High Performance SPI-4.2 System Interface Supports RGMII for connection to copper transceivers. Intelligent Identification and Prioritization of Layer 2 & Layer 3 Control Traffic Per Port Policing & Shaping User Configurable Filtering of Unicast, Multicast & Broadcast Traffic Supports Both Serial & Parallel CPU Access Full RMON 1 Statistics Group and Applicable IEEE 802.3 and SNMP Statistics ADV ANT AGES: Enables Increased Port Density in Chassis-based Ethernet Switching Platforms. Increased Utilization of Shared Packet Processing Resources Ubiquitous Industry Standard Interface Barrington™ – 24x10/100/1000 Ethernet MAC with SPI-4.2 System Interface ETHERNET PRODUCTS PB-VSC7324-001 VSC7324 Enterprise Access Metro Core SPI-4.2 To Packet Processor EX: NPU, ASIC, FPGA, VC Mapper, etc.. RGMII x 24 VSC8224 VSC8224 VSC8224 VSC8224 VSC8224 VSC8224 VSC7324 Barrington |
Similar Part No. - VSC7324 |
|
Similar Description - VSC7324 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |