Electronic Components Datasheet Search
  English  ▼

X  

VSC7324 Datasheet(PDF) 2 Page - Vitesse Semiconductor Corporation

Part # VSC7324
Description  24x10/100/1000 Ethernet MAC with SPI-4.2 System Interface
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7324 Datasheet(HTML) 2 Page - Vitesse Semiconductor Corporation

  VSC7324 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7324 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
For more information on Vitesse Products visit the Vitesse web site
at www.vitesse.com or contact Vitesse Sales at (800) VITESSE
or sales@vitesse.com
©2004 Vitesse Semiconductor Corporation
Barrington™ – 24x10/100/1000 Ethernet MAC with SPI-4.2 System Interface
VSC7324
The Barrington family is based on Vitesse’s third
generation MAC architecture and includes the
flagship 24-port VSC7324, the 16-port VSC7325,
and the 12-port VSC7326. Each device has
advanced traffic over-subscription mechanisms
to ensure quality of service and high bandwidth availability
during periods of peak network utilization. Combining this
capability with extensive per port buffering, high-density
platforms such as Ethernet switches and routers can aggregate
up to 24 Gigabit Ethernet ports into a single 10 Gbps packet
processor. OEMs realize a substantial cost savings by reducing
system cost per user without impacting network performance.
Barrington (VSC7324) is an advanced 24-port Triple Speed
Ethernet MAC solution with Intelligent Over-subscription
enabling low cost, high-density, chassis-based linecards
ranging from 24 to 96 ports. Barrington, which is also available
in 12 and 16 port versions, is a versatile building block for a
range of high-density triple-speed Ethernet applications in the
Enterprise, Metro, and Core. Barrington integrates 24 triple-
speed MACs, advanced over-subscription mechanisms, an
extensive on-chip memory system, an OIF compliant SPI-4.2
interface with support for dynamic deskew, both a 16-bit
parallel and a 4-wire serial CPU interface, and dual MII
Management interfaces.
As the transition to triple-speed copper interfaces in the
Enterprise increases, the need for intelligent over-subscription
and control traffic protection functionality is critical to
efficient network operation and management. The Barrington
family includes advanced over-subscription mechanisms,
used to control the bandwidth on each Ethernet port in order to
prioritize traffic across all 24-ports. As part of the advanced over-
BLOCK DIAGRAM:
GENERAL DESCRIPTION:
prioritize traffic across all 24-ports. As part of the advanced over-
subscription mechanisms, the Barrington family also prioritizes and
protects Layer 2 and Layer 3 control frames to maintain overall network
management and efficiency during periods of peak network utilization.
Interfacing to the triple-speed MAC ports is accomplished using
the reduced pin count Reduced Gigabit Media Independent
Interface (RGMII).
On the system side Barrington utilizes an
industry standard SPI-4.2 system interface with 24 channels.
The internal ingress (Rx) and egress (Tx) FIFOs, which are
provisionable on a per-port basis in increments of 2 kB, are
capable of handling short-haul flow control and accommodating
bursty traffic between the Ethernet MACs and the SPI-4.2 system
interface. The FIFO structures are independently configurable for
either cut-through or store-and-forward modes.
The Barrington Family is supported in Vitesse’s MAC Application
Software (MAS) suite. The MAS is a library of generic ANSI C
functions for various Gigabit Ethernet (GbE) and Ten Gigabit
Ethernet (10GbE) Media Access Controllers in the Vitesse MAC
family.
The MAC Application Software provides a common
software solution for the Vitesse MAC family beginning with
Meigs-II™ and including Meigs-IIe™ and Campbell-I™. The MAC
Application Software simplifies the use of these MAC devices by
providing a well defined, operating system and processor
independent application-programming interface (API).
The Barrington Family is supported by a comprehensive collateral
package including application notes, IBIS models, DSDL file,
reference schematics, symbols, and University of New Hampshire
(UNH) Interoperability Lab (IOL) reports for Fast Ethernet and
Gigabit Ethernet test suites.
SPECIFICA TIONS:
1.8V Core Power Supply
2.5V & 3.3V Interface Power Supply
741 Calle Plano
Camarillo, CA 93012, USA
Tel: +1 805.388.3700
Fax: +1 805.987.5896
www.vitesse.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com