Electronic Components Datasheet Search
  English  ▼

X  

LM2688 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2688
Description  Non-synchronous Step-down Controller for Pentium Microprocessors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2688 Datasheet(HTML) 6 Page - National Semiconductor (TI)

  LM2688 Datasheet HTML 1Page - National Semiconductor (TI) LM2688 Datasheet HTML 2Page - National Semiconductor (TI) LM2688 Datasheet HTML 3Page - National Semiconductor (TI) LM2688 Datasheet HTML 4Page - National Semiconductor (TI) LM2688 Datasheet HTML 5Page - National Semiconductor (TI) LM2688 Datasheet HTML 6Page - National Semiconductor (TI) LM2688 Datasheet HTML 7Page - National Semiconductor (TI) LM2688 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Bill of Material (Continued)
Label
Value
Type
Part Number
Manufacturer
R6
10
Resistor
Q1
BJT, PNP
3906
National
U1
IC, PWM
LM2688M-ADJ
National
D1
Diode, Schottky
MBR2515L
Motorola
D2
Diode
1N4148
National
M1
MOSFET, 10 m
Ω R
dson
NDS8410A
Fairchild
M2
MOSFET, 10 m
Ω R
dson
NDS8410A
Fairchild
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com