Electronic Components Datasheet Search
  English  ▼

X  

LM2688 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2688
Description  Non-synchronous Step-down Controller for Pentium Microprocessors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2688 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2688 Datasheet HTML 1Page - National Semiconductor (TI) LM2688 Datasheet HTML 2Page - National Semiconductor (TI) LM2688 Datasheet HTML 3Page - National Semiconductor (TI) LM2688 Datasheet HTML 4Page - National Semiconductor (TI) LM2688 Datasheet HTML 5Page - National Semiconductor (TI) LM2688 Datasheet HTML 6Page - National Semiconductor (TI) LM2688 Datasheet HTML 7Page - National Semiconductor (TI) LM2688 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LM2688
Non-synchronous Step-down Controller for Pentium
Microprocessors
General Description
The LM2688 is a low-cost non-synchronous voltage-mode
PWM controller which maintains an accurate and adjustable
output voltage for high current, low voltage DC/DC applica-
tions such as the Pentium microprocessor family. By using
different combinations of feedback resistors, the regulator
output voltage can be precisely adjusted to match different
requirements. Coming in an 8-lead surface mount package,
the LM2688 can be used to control a buck regulator with an
load current up to 10A. An on-chip precision trimmed refer-
ence allows tight voltage regulation and an internal 150 kHz
fixed-frequency oscillator eliminates extra components to set
the switching frequency. The LM2688 also provides an ON/
OFF pin which enables the CPU to shutdown the regulator
when necessary. Self protection features include a two stage
current limit for the output switch and an over temperature
shutdown for complete protection under fault conditions. The
controller also provides internal loop gain compensation,
minimizing the number of external components.
Features
n
Adjustable output voltage
n
Available in 8-pin surface mount
n
Guaranteed 0.5A gate drive current
n
Supply voltage up to 40V
n
150 kHz fixed frequency internal oscillator
n
TTL shutdown capability
n
Low power standby mode, I
Q typically <85 µA
n
Thermal shutdown and current limit protection
Applications
n
Controller for voltage regulators for Pentium, Pentium
MMX, K5, K6 MMX, Alpha and PowerPC processors
n
Efficient pre-regulator for linear regulators
Typical Application
Pentium Processor Power Supply
DS100050-1
For more information about the above application, please refer to the Application Hints section.
July 1997
© 1997 National Semiconductor Corporation
DS100050
www.national.com


Similar Part No. - LM2688

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2681 NSC-LM2681 Datasheet
201Kb / 8P
Switched Capacitor Voltage Converter
logo
Texas Instruments
LM2681 TI-LM2681 Datasheet
894Kb / 16P
LM2681 Switched Capacitor Voltage Converter
LM2681 TI2-LM2681 Datasheet
619Kb / 18P
LM2681 Switched Capacitor Voltage Converter
REVISED MAY 2013
logo
National Semiconductor ...
LM2681M6 NSC-LM2681M6 Datasheet
201Kb / 8P
Switched Capacitor Voltage Converter
logo
Texas Instruments
LM2681M6/NOPB TI-LM2681M6/NOPB Datasheet
894Kb / 16P
LM2681 Switched Capacitor Voltage Converter
More results

Similar Description - LM2688

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP12201 VISHAY-SIP12201 Datasheet
865Kb / 11P
Synchronous Step Down Controller
10-Oct-05
SIP12202 VISHAY-SIP12202 Datasheet
768Kb / 10P
Synchronous Step Down Controller
10-Oct-05
logo
ON Semiconductor
NCP5212A ONSEMI-NCP5212A Datasheet
336Kb / 19P
Single Synchronous Step-Down Controller
May, 2009 ??Rev. 0
NCP5212A ONSEMI-NCP5212A_09 Datasheet
356Kb / 19P
Single Synchronous Step-Down Controller
August, 2009 ??Rev. 3
logo
Exar Corporation
XRP6124 EXAR-XRP6124 Datasheet
481Kb / 12P
Non-Synchronous PFET Step-Down Controller
logo
Texas Instruments
TPS53114PWR TI-TPS53114PWR Datasheet
954Kb / 27P
SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
logo
ON Semiconductor
NCP81045 ONSEMI-NCP81045 Datasheet
302Kb / 17P
Single Synchronous Step-Down Controller
October, 2012 ??Rev. P0
logo
Intersil Corporation
ISL8117 INTERSIL-ISL8117 Datasheet
918Kb / 23P
Synchronous Step-down PWM Controller
June 4, 2015
logo
ON Semiconductor
NCP5217A ONSEMI-NCP5217A_11 Datasheet
279Kb / 16P
Single Synchronous Step-Down Controller
May, 2011 ??Rev. 2
logo
Renesas Technology Corp
ISL8117 RENESAS-ISL8117 Datasheet
1Mb / 24P
Synchronous Step-Down PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com