Electronic Components Datasheet Search
  English  ▼

X  

KLLU2000 Datasheet(PDF) 2 Page - Littelfuse

Part # KLLU2000
Description  General Purpose Fuses
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

KLLU2000 Datasheet(HTML) 2 Page - Littelfuse

  KLLU2000 Datasheet HTML 1Page - Littelfuse KLLU2000 Datasheet HTML 2Page - Littelfuse KLLU2000 Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
General Purpose Fuses
27
w w w . l i t t e l f u s e . c o m
© 2005 Littelfuse • POWR-GARD™ Products Catalog
KLLU Class L Fuses
600 VAC • Time-Delay • 601 – 4000 Amperes
B
C
J
F
M
FIG.1
A
A
B
C
J
D E F
N
M
FIG.2
D E F
A
B
C
G
H
N
M
J
FIG. 3
N
M
G
D E F
A
B
C
H
J
FIG. 4
K
L
Amperes
Fig.
No.
Dimensions In Inches (mm in parentheses)
A
B
C
D
E
F
G
H
J
K
L
M
N
601 – 800
1
33
⁄4
(95.3)
53
⁄4
(146.1)
63
⁄4
(171.5)
—
—
85
⁄8
(219.1)
—
—
2
(50.8)
21
⁄2
(63.5)
3
⁄8
(9.5)
5
⁄8 x 11⁄8
(15.9) x (28.6)
—
801 – 1200
2
33
⁄4
(95.3)
53
⁄4
(146.1)
63
⁄4
(171.5)
91
⁄4
(235.0)
91
⁄2
(241.3)
103
⁄4
(273.1)
—
—
2
(50.8)
21
⁄2
(63.5)
3
⁄8
(9.5)
5
⁄8 x 3⁄4
(15.9) x (19.1)
5
⁄8 x 11⁄8
(15.9) x (28.6)
1201 – 1600
2
33
⁄4
(95.3)
53
⁄4
(146.1)
63
⁄4
(171.5)
91
⁄4
(235.0)
91
⁄2
(241.3)
103
⁄4
(273.1)
—
—
23
⁄8
(60.3)
3
(76.2)
7
⁄16
(11.1)
5
⁄8 x 3⁄4
(15.9) x (19.1)
5
⁄8 x 11⁄8
(15.9) x (28.6)
1601 – 2000
2
33
⁄4
(95.3)
53
⁄4
(146.1)
63
⁄4
(171.5)
91
⁄4
(235.0)
91
⁄2
(241.3)
103
⁄4
(273.1)
—
—
23
⁄4
(69.9)
31
⁄2
(88.9)
1
⁄2
(12.7)
5
⁄8 x 3⁄4
(15.9) x (19.1)
5
⁄8 x 11⁄8
(15.9) x (28.6)
2001 – 2500
3
4
(101.6)
53
⁄4
(146.1)
63
⁄4
(171.5)
91
⁄4
(235.0)
91
⁄2
(241.3)
103
⁄4
(273.1)
15
⁄8
(41.3)
13
⁄4
(44.5)
31
⁄2
(88.9)
5
(127.0)
3
⁄4
(19.1)
5
⁄8 x 3⁄4
(15.9) x (19.1)
5
⁄8 x 11⁄8
(15.9) x (28.6)
2501 – 3000
3
4
(101.6)
53
⁄4
(146.1)
63
⁄4
(171.5)
91
⁄4
(235.0)
91
⁄2
(241.3)
103
⁄4
(273.1)
15
⁄8
(41.3)
13
⁄4
(44.5)
4
(101.6)
5
(127.0)
3
⁄4
(19.1)
5
⁄8 x 3⁄4
(15.9) x (19.1)
5
⁄8 x 11⁄8
(15.9) x (28.6)
3001 – 4000
4
4
(101.6)
53⁄4
(146.1)
63⁄4
(171.5)
91⁄4
(235.0)
91⁄2
(241.3)
103⁄4
(273.1)
13⁄4
(44.5)
31⁄4
(82.6)
43⁄4
(120.7)
53⁄4
(146.1)
3
⁄4
(19.1)
5
⁄8 x 13⁄8
(15.9) x (34.9)
5
⁄8 x 13⁄8
(15.9) x (34.9)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com