Electronic Components Datasheet Search
  English  ▼

X  

KLLU2000 Datasheet(PDF) 1 Page - Littelfuse

Part # KLLU2000
Description  General Purpose Fuses
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

KLLU2000 Datasheet(HTML) 1 Page - Littelfuse

  KLLU2000 Datasheet HTML 1Page - Littelfuse KLLU2000 Datasheet HTML 2Page - Littelfuse KLLU2000 Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
General Purpose Fuses
26
w w w . l i t t e l f u s e . c o m
© 2005 Littelfuse • POWR-GARD™ Products Catalog
KLLU series UL Listed, time-delay, Class L fuses are quality fuses,
developed to provide a somewhat lower priced alternate to the
POWR-PRO® KLPC series fuses. KLLU series fuses meet or exceed
all UL requirements for Class L fuses. For superior protection and
performance, specification-grade POWR-PRO KLPC series fuses are
the recommended fuse. Complete information on KLPC fuses may
be found in the POWR-PRO Fuse section of this catalog.
Applications
Service switches
Switchboard mains and feeders
Bolted pressure contact switches
Motor control center mains
Large motor branch circuits
UL Listed series rated protection for molded case circuit breaker
panelboards and loadcenters. See panelboard manufacturers’
literature for recommended fuse rating.
Safety
• 200,000 A.I.R. — Provides reliable interruption of all overcurrents up
to 200,000 amperes.
• When used for motor branch circuit protection, KLLU fuses may be
sized close to the motor full load current, providing excellent protection
to branch circuit conductors, motor control equipment and motors.
Longer Equipment Life
• Current-Limiting — Reduces short-circuit damage to systems and
equipment.
• Reduced downtime.
• Ten second minimum time-delay at 500% current eliminates
needless downtime caused by heavy starting currents of large
motors and other inductive loads.
• Selective coordination — KLLU fuses coordinate well with other
Class L fuses and with all current-limiting Littelfuse fuses rated 600
amps or less. This means less time spent trying to locate short-
circuits or overloaded equipment, because only the fuse immediately
on the line side of the affected circuit opens.
Easy To Use
• 200,000 A.I.R. rating minimizes need for short-circuit calculations,
while meeting present and future system requirements.
• KLLU fuse time-current characteristics closely match typical time-
current curves of circuit breakers. Although fuse/circuit breaker systems
can seldom be 100% coordinated, KLLU series fuses permit use of a
wider range of breaker setting than fast acting Class L fuses.
Excellent protection for a single breaker or a group of breakers.
KLLU Class L Fuses
600 VAC • Time-Delay • 601 – 4000 Amperes
Specifications
Voltage Ratings:
AC: 600 Volts
DC: Contact factory
Interrupting Ratings:
200,000 am­peres rm­s sym­m­etrical
Ampere Range:
601 – 4000 am­peres
Approvals:
Standard 248-10, Class L
UL Listed (File No: E81895)
CSA Certified (File No: LR29862)
Ampere Ratings
601
750
1000
1400
1800
3000
650
800
1200
1500
2000
3500
700
900
1350
1600
2500
4000
Exam­ple part num­ber (series & am­perage): KLLU 1000


Similar Part No. - KLLU2000

ManufacturerPart #DatasheetDescription
logo
Littelfuse
KLLU LITTELFUSE-KLLU Datasheet
435Kb / 2P
600 VAC
KLLU LITTELFUSE-KLLU_12 Datasheet
435Kb / 2P
600 VAC
More results

Similar Description - KLLU2000

ManufacturerPart #DatasheetDescription
logo
Littelfuse
KLNR LITTELFUSE-KLNR Datasheet
188Kb / 2P
General Purpose Fuses
LA100P15-1 LITTELFUSE-LA100P15-1 Datasheet
102Kb / 2P
Special Purpose Fuses
LA70QS10-14F LITTELFUSE-LA70QS10-14F_06 Datasheet
98Kb / 1P
Special Purpose Fuses
LA70QS35-4 LITTELFUSE-LA70QS35-4 Datasheet
92Kb / 2P
Special Purpose Fuses
LA50QS35-4 LITTELFUSE-LA50QS35-4 Datasheet
91Kb / 2P
Special Purpose Fuses
logo
List of Unclassifed Man...
FN9260-10-06 ETC2-FN9260-10-06 Datasheet
307Kb / 4P
General Purpose Power Entry Module with Fuses
FN9260-1-06 ETC2-FN9260-1-06 Datasheet
422Kb / 4P
General Purpose Power Entry Module with Fuses
FN9260A-10-06 ETC2-FN9260A-10-06 Datasheet
307Kb / 4P
General Purpose Power Entry Module with Fuses
logo
Cooper Bussmann, Inc.
NON-1 COOPER-NON-1 Datasheet
279Kb / 4P
NON (250V) 1??-600A, General Purpose Fuses
logo
Schaffner International...
FN-9260 SCHAFFNER-FN-9260 Datasheet
699Kb / 6P
General Purpose Power Entry Module with Fuses
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com