Electronic Components Datasheet Search
  English  ▼

X  

VSC7964 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC7964
Description  1/2/4 Gbps Integrated VCSEL Driver and Limiting Amplifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7964 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC7964 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7964 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BENEFITS:
Allows the User to Optimize the Bandwidth of the Limiting Amplifier and TIA for a
Given Data Rate, Improving the Optical Input Sensitivity at Lower Data Rates, and
Provides Superior Interoperability with Legacy Optical Devices
Automatically Adjust Bias Current, Ensuring a Constant Average Optical Power on
Temperature and Time
Adjustable Negative Peaking Control to Improve VCSEL Edge Speed
Enables the Micro-controller to Directly Read and Write the the VSC7964 Registers,
Allowing for Expanded Device Control and Enhanced Fault Coverage
Eliminates the Need for External Components Saving Board Space and Simflifying
the Layous
Enables the Customer to Meet the International Electrotechnical Commission (IEC)
Safety of Optical Fibre Communication Systems Eye Safety Epecifications.
Support Industrial Temperature Applications
FEA TURES:
Rate Selection
Optical Power Monitor
Dynamic Negative Peaking Control
Digital Programming Interface
Integrated Digital to Analog Converters (DACs) and Temp Sensor
Built-in Support for IEC-60825 Eye Safety
Extended Operating Temperature
APPLICA TIONS:
Gigabit Ethernet Transceivers
Fibre Channel Transceivers (1x, 2x and 4x)
Infiniband Transceivers
1/2/4 Gbps Integrated VCSEL Driver and Limiting Amplifier
TRANSPORT PRODUCTS
PB-VSC7964-001
VSC7964
VCSEL
VSC7977
Receiver
VSC7964
Limiting
Amplifier
and
VCSEL
Driver
Micro
Controller
Two-wire
interface
Controls/Faults
Tx
Rx
APPLICA TION DIAGRAM:
SPECIFICA TIONS:
Supported Data Rates: 1Gbps to 4.25Gbps
Transmitter and Receiver Rise/Fall Time: 40ps
Modulation Current: 2mA to 15mA
Supply Voltage: 3.3V
Operating Temperature Range from -40C to 100C (Case)
SFP/SFF-8472 Compliant Disable and Faults


Similar Part No. - VSC7964

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7961 VITESSE-VSC7961 Datasheet
95Kb / 10P
3.125Gb/s PECL Limiting Amplifier with LOS Detect
VSC7961W VITESSE-VSC7961W Datasheet
95Kb / 10P
3.125Gb/s PECL Limiting Amplifier with LOS Detect
VSC7961YD VITESSE-VSC7961YD Datasheet
95Kb / 10P
3.125Gb/s PECL Limiting Amplifier with LOS Detect
VSC7965 VITESSE-VSC7965 Datasheet
1Mb / 2P
PON Integrated 155 Mbps to 1.25 Gbps Burst-mode Laser Driver and Limiting Amplifier
VSC7966 VITESSE-VSC7966 Datasheet
230Kb / 2P
155 Mbps to 1.25 Gbps Laser Driver and Post Amplifier
More results

Similar Description - VSC7964

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7640 VITESSE-VSC7640 Datasheet
80Kb / 1P
4x 3.125 Gbps VCSEL Transmitter Array and 4x 3.125 Gbps Receiver Arrays with Integrated Limiting Amplifiers
logo
Texas Instruments
ONET4291VA TI-ONET4291VA Datasheet
515Kb / 20P
1 GBPS TO 4.25 GBPS MULTI-RATE VCSEL DRIVER
ONET4251PA TI-ONET4251PA Datasheet
859Kb / 16P
1 Gbps to 4.25 Gbps Limiting Amplifier With LOS and RSSI
logo
Maxim Integrated Produc...
MAX3798 MAXIM-MAX3798 Datasheet
1Mb / 35P
1.0625Gbps to 10.32Gbps, Integrated, Low-Power SFP Limiting Amplifier and VCSEL Driver
Rev 0; 10/08
logo
Finisar Corporation.
HFE7192-581 FINISAR-HFE7192-581 Datasheet
320Kb / 7P
1/2/4/8 GBPS 850NM VCSEL LC TOSA PACKAGES
logo
Maxim Integrated Produc...
MAX3799 MAXIM-MAX3799 Datasheet
1Mb / 35P
1Gbps to 14Gbps, SFP Multirate Limiting Amplifier and VCSEL Driver
Rev 0; 8/09
MAX3799 MAXIM-MAX3799_10 Datasheet
1Mb / 36P
1Gbps to 14Gbps, SFP Multirate Limiting Amplifier and VCSEL Driver
Rev 1; 6/10
logo
Texas Instruments
ONET4291VARGPR TI-ONET4291VARGPR Datasheet
981Kb / 23P
1 GBPS TO 4.25 GBPS MULTI-RATE VCSEL DRIVER
logo
Integrated Device Techn...
HXT8204 IDT-HXT8204 Datasheet
253Kb / 2P
4 Channel 28 Gbps VCSEL Driver
logo
Maxim Integrated Produc...
MAX3799 MAXIM-MAX3799_V01 Datasheet
1Mb / 36P
1Gbps to 14Gbps, SFP Multirate Limiting Amplifier and VCSEL Driver
2012
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com