Electronic Components Datasheet Search
  English  ▼

X  

VSC7964 Datasheet(PDF) 2 Page - Vitesse Semiconductor Corporation

Part # VSC7964
Description  1/2/4 Gbps Integrated VCSEL Driver and Limiting Amplifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7964 Datasheet(HTML) 2 Page - Vitesse Semiconductor Corporation

  VSC7964 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7964 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
For more information on Vitesse Products visit the Vitesse web site
at www.vitesse.com or contact Vitesse Sales at (800) VITESSE
or sales@vitesse.com
©2004 Vitesse Semiconductor Corporation
1/2/4 Gbps Integrated VCSEL Driver and Limiting Amplifier
VSC7964
The VSC7964 is a multirate 4.25 Gbps integrated
Vertical Cavity Surface Emitting Laser (VCSEL)
driver and limiting amplifier for Gigabit
Ethernet and Fibre Channel applications
optimized to reduce SFP module cost. A
standard SPI port is provided for programming integrated
digital-to-analog converters for laser bias current, modulation
current, power, modulation peaking current, and the limiting
amplifier loss of signal threshold. The VSC7964 is equipped
BLOCK DIAGRAMS:
GENERAL DESCRIPTION:
with SFP-compliant fault indicators, redundant disable control,
Automatic Power Control, temperature sensor, voltage reference,
various signal monitors, and robust eye safety features. A single
bidirectional pin between the VSC7964 and the VSC7977
transimpedance amplifier programs the receiver bandwidth and
monitors the received optical power. This allows the VSC7964 to
provide an accurate indicator of received power and to select the
TIA bandwidth without increasing TO-CAN pin count. The VSC7964
is available in a 6mm x 6mm 40-pin QFP-N plastic package.
741 Calle Plano
Camarillo, CA 93012, USA
Tel: +1 805.388.3700
Fax: +1 805.987.5896
www.vitesse.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com