Electronic Components Datasheet Search
  English  ▼

X  

VSC7966 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC7966
Description  155 Mbps to 1.25 Gbps Laser Driver and Post Amplifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7966 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC7966 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7966 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PB-VSC7966-001
VSC7966
SPECIFICA TIONS:
4Package Size: 5 mm × 5 mm QFP-N
4Maximum Modulation = 80 mA
4Typical Core Power = 330 mW
155 Mbps to 1.25 Gbps Laser Driver and Post Amplifier
TRANSPORT PRODUCTS
BENEFITS:
4Reduces Board Space and Simplifies the Design
4Provides Advance System Diagnostics, Enabling Full Support of SFF-8472
4Improves Accuracy of the Monitor Diode Input by Allowing the User to
Select the Resistance and Capacitance in the Input
4Enables the User to Adjust the Level of the Crossing Point on the Laser
Driver Output
4No External Components are Required to Meet IEC-60825 Eye Safety
Specifications
FEA TURES:
4Integrated Laser Driver and Limiting Amplifier
4Digital Control Interface
4Selectable Resistance on Monitor Diode Input
4Laser Driver Crossing Point Control
4Built-in Eye Safety Support
SFP/SFF Module
VSC7964/5/6
Limiting Amplifier
Laser Driver
VSC797x-WD
ROSA
SFP/SFF
MSA
Connector
TOSA
Microcontroller
SPI
Fault and
Control Logic
ADC
Analog MUX
MON_SEL
BLOCK DIAGRAM:


Similar Part No. - VSC7966

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7961 VITESSE-VSC7961 Datasheet
95Kb / 10P
3.125Gb/s PECL Limiting Amplifier with LOS Detect
VSC7961W VITESSE-VSC7961W Datasheet
95Kb / 10P
3.125Gb/s PECL Limiting Amplifier with LOS Detect
VSC7961YD VITESSE-VSC7961YD Datasheet
95Kb / 10P
3.125Gb/s PECL Limiting Amplifier with LOS Detect
VSC7964 VITESSE-VSC7964 Datasheet
525Kb / 2P
1/2/4 Gbps Integrated VCSEL Driver and Limiting Amplifier
VSC7965 VITESSE-VSC7965 Datasheet
1Mb / 2P
PON Integrated 155 Mbps to 1.25 Gbps Burst-mode Laser Driver and Limiting Amplifier
More results

Similar Description - VSC7966

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET2501PA TI-ONET2501PA Datasheet
187Kb / 8P
155-Mbps TO 2.5-Gbps LIMITING AMPLIFIER
ONET4201LD TI-ONET4201LD Datasheet
1Mb / 26P
155-Mbps to 4.25-Gbps LASER DRIVER
ONET3301PA TI-ONET3301PA Datasheet
253Kb / 12P
155-MBPS TO 3.3-GBPS LIMITING AMPLIFIER
logo
Vitesse Semiconductor C...
VSC7398 VITESSE-VSC7398 Datasheet
491Kb / 2P
155 Mbps to 1.25 Gbps Laser Driver and Post Amplifier
VSC7965 VITESSE-VSC7965 Datasheet
1Mb / 2P
PON Integrated 155 Mbps to 1.25 Gbps Burst-mode Laser Driver and Limiting Amplifier
VSC7967 VITESSE-VSC7967 Datasheet
610Kb / 2P
PON Integrated 155 Mbps to 2.5 Gbps Burst-mode Laser Driver and Limiting Amplifier
logo
Texas Instruments
ONET4211LD TI-ONET4211LD Datasheet
1Mb / 26P
155 Mbps to 4.25 Gbps LASER DRIVER
ONET2511PA TI-ONET2511PA Datasheet
624Kb / 14P
155-mbps to 2.5-gbps Limiting amplifier
ONET3301PARGTT TI-ONET3301PARGTT Datasheet
914Kb / 18P
155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
ONET3301PARGTTG4 TI-ONET3301PARGTTG4 Datasheet
914Kb / 18P
155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com