Electronic Components Datasheet Search
  English  ▼

X  

VSC7966 Datasheet(PDF) 2 Page - Vitesse Semiconductor Corporation

Part # VSC7966
Description  155 Mbps to 1.25 Gbps Laser Driver and Post Amplifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7966 Datasheet(HTML) 2 Page - Vitesse Semiconductor Corporation

  VSC7966 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7966 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GENERAL DESCRIPTION:
155 Mbps to 1.25 Gbps Laser Driver and Post Amplifier
VSC7966
741 Calle Plano
Camarillo, CA 93012, USA
Tel: +1 805.388.3700
Fax: +1 805.987.5896
www.vitesse.com
sales@vitesse.com
Trademarks ™
Vitesse, ASIC-Friendly, FibreTimer, TimeStream, Snoop Loop, Super FEC, FOCUSConnect, Meigs-II, Meigs-IIe, Lansing, Campbell-I, Barrington, PaceMaker, HOVCAT48,
HOVCAT48e, HOVCAT192, HOVCAT192e, Micro PHY, FOCUS32, FOCUS16, IQ2200, VersaCAT, GigaStream, HawX, SparX, StaX, VstaX, SimpliPHY,VeriPHY, ActiPHY, XFP PRO, SFP
PRO, Smart-LINKOctalMAC, EQ Technology are trademarks in the United States and/or other jurisdictions of Vitesse Semiconductor Corporation. All other trademarks or
registered trademarks mentioned herein are the property of their respective holders.
Copyright ©
Vitesse Semiconductor Corporation ("Vitesse") retains the right to make changes to its products or specifications to improve performance, reliability or manufacturability. All
information in this document, including descriptions of features, functions, performance, technical specifications and availability, is subject to change without notice at any
time. While the information furnished herein is held to be accurate and reliable, no responsibility will be assumed by Vitesse for its use. Furthermore, the information contained
herein does not convey to the purchaser of microelectronic devices any license under the patent right of any manufacturer.
The VSC7966 device is a multirate 1.25 Gbps
integrated laser driver and limiting amplifier for
SONET/SDH, Fast Ethernet, and Gigabit Ethernet
applications optimized to reduce module cost. The
device is intended to drive distributed feedback
(DFB) and Fabry Perot (FP) lasers. A standard SPI
port is provided for programming integrated digital to analog converters
for laser bias current, modulation current, average power, and the
limiting amplifier loss of signal threshold. The VSC7966 device is
equipped with SFP-compliant fault indicators, redundant disable control,
Automatic Power Control, temperature sensor, various signal monitors,
and robust eye safety features. The VSC7966 device is available in a 5
mm x 5 mm 32-pin QFP-N plastic package.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com