Electronic Components Datasheet Search
  English  ▼

X  

VSC7981 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC7981
Description  Up to 11.3 Gb/s 3.3V: VCSEL, DML, EML Laser/Modulator Driver Family
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7981 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC7981 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7981 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BENEFITS:
On Chip Op-amps Provide Stability and Control Resulting in Reduced
Component Count
Small 5mm x 5mm Low-cost QFP-N Packaging Optimized for Small Footprint
Applications, Including XFP Modules.
Supports Both APC and ERC Control Loops for Leading Edge Designs
On Chip Sourcing and Sinking Bias Current Outputs for IEC-60825 Eye Safety,
Reducing Both Circuit and Firmware Design Complexity
SPECIFICA TIONS:
DATA Rate up to 11.3 Gb/s
Single-Ended Input Voltage Sensitivity: 300mV
Differential Input Voltage Sensitivity: 300mV (150mV per side)
Output Modulation Voltage Compliance 1.5 V
Minimum Output Modulation Current
- VSC7980 - 1 mA
- VSC7981 - 20 mA
- VSC7982 - 20 mA or 1V
Maximum Output Modulation Current
- VSC7980 - 15 mA
- VSC7981 - 80 mA
- VSC7982 - 2.5V or 50 mA, VCC2 = 3.3V
- VSC7982 - 3V or 60 mA, VCC2 = 5V
Power Supply Voltage +3.3 V
Minimum Ambient Temperature -40 ºC
Case Temperature -20 to +100 ºC
APPLICA TIONS:
SONET OC-192 and SDH STM-64 Transmission Systems
GR-253: SR, IR and LR
10 Gigabit Ethernet and 10 Gigabit Fibre Channel
IEEE802.3ae 10GBASE-SR,LR,ER
XFP MSA Transceiver Modules
XENPAK, XPAK, X2 and 300-pin MSA Transponder Modules
FEA TURES:
+3.3V Power Supply for Low Power
Duty Cycle, Output Modulation and Output Bias Level Controls
VSC7980: 200mW Typical Power Dissipation Including 50
Ω Load
VSC7981: 800mW Typical Power Dissipation Including 25
Ω Load
VSC7982: 930mW Typical Power Dissipation Including 50
Ω Load
Sourcing and Sinking Bias Current Outputs
50ohm Back-terminated AC-coupled Outputs
Automatic Power Control
Support for Extinction Ratio Control
XFP-Compliant Current Disable and Faults
Built-in support for IEC-60825 Eye Safety
Small package: 5mm x 5mm 32 pin QFP-N
Up to 11.3 Gb/s 3.3V: VCSEL, DML, EML Laser/Modulator Driver Family
TRANSPORT PRODUCTS
PB-VSC7980,81,82-001
VSC7980, 7981, 7982


Similar Part No. - VSC7981

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7983 VITESSE-VSC7983 Datasheet
1Mb / 2P
11.2 Gb/s Electroabsorption Modulator Driver
VSC7984 VITESSE-VSC7984 Datasheet
1Mb / 2P
11.3 Gb/s Electroabsorption Modulator Driver
More results

Similar Description - VSC7981

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET1191V TI-ONET1191V Datasheet
450Kb / 22P
11.3-GBPS DIFFERENTIAL VCSEL DRIVER
logo
Zarlink Semiconductor I...
PX6419 ZARLINK-PX6419 Datasheet
226Kb / 3P
12x10 Gb/s VCSEL Driver
logo
Vitesse Semiconductor C...
VSC7984 VITESSE-VSC7984 Datasheet
1Mb / 2P
11.3 Gb/s Electroabsorption Modulator Driver
VSC7992 VITESSE-VSC7992 Datasheet
459Kb / 2P
10.7 Gb/s RZ or NRZ Laser Modulator Driver
logo
Texas Instruments
ONET1141L TI1-ONET1141L Datasheet
1,021Kb / 30P
11.3 Gbps Modulator Driver
logo
TriQuint Semiconductor
TQP5115 TRIQUINT-TQP5115 Datasheet
204Kb / 1P
11.3 Gb/s EML Driver
logo
Texas Instruments
ONET8501V TI1-ONET8501V_14 Datasheet
1Mb / 29P
11.3 Gbps Differential VCSEL Driver
logo
Integrated Device Techn...
HXT6204 IDT-HXT6204 Datasheet
253Kb / 2P
4 Channel 28 Gb/s VCSEL Driver
HXT6212 IDT-HXT6212 Datasheet
240Kb / 2P
12 Channel 28 Gb/s VCSEL Driver
logo
Qorvo, Inc
TQP5115 QORVO-TQP5115 Datasheet
204Kb / 1P
11.3 Gb/s EML Driver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com