Electronic Components Datasheet Search
  English  ▼

X  

VSC7981 Datasheet(PDF) 2 Page - Vitesse Semiconductor Corporation

Part # VSC7981
Description  Up to 11.3 Gb/s 3.3V: VCSEL, DML, EML Laser/Modulator Driver Family
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7981 Datasheet(HTML) 2 Page - Vitesse Semiconductor Corporation

  VSC7981 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7981 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Up to 11.3 Gb/s 3.3V: VCSEL, DML, EML Laser/Modulator Driver Family
VSC7980, 7981, 7982
The VSC7980, VSC7981 and VSC7982 are
low power 10Gb/s laser and modulator
drivers for both Telecommunications and
Data Communications. Applications include
modules and line cards for OC-192/STM-64
SONET/SDH
as
well
as
10GE/10GFC
protocols. The VSC7980 is intended to drive Vertical Cavity
Surface Emitting Lasers (VCSEL). The VSC7981 is intended to
drive Direct Modulated Lasers (DML) such as Distributed
Feedback (DFB) and Fabry-Perot (FP) Lasers with a 25 Ohm
characteristic impedance. The VSC7982 is intended to drive DML
and Externally Modulated Lasers (EML) such as Electro
Absorption modulators with a 50 Ohm characteristic impedance.
BLOCK DIAGRAMS:
The 50 Ohm on-chip back-termination simplifies the process of
matching the laser to the driver. The VSC7980, VSC7981 and
VSC7982 are equipped with XFP-compliant fault indicators
(FLTN_DISN and EOLN), dual disable control (FLTN_DISN and
TX_DIS), Automatic Power Control (APC), temperature sensor,
voltage reference, various eye safety features and Extinction
Ratio Control (ERC) with an external micro controller. These
device controls and monitors were designed to be controlled
with set resistors, potentiometers, or Digital-to-Analog
Converters (DACs) and monitored with Analog-to-Digital
Converters (ADCs) for ultimate flexibility in module design. The
VSC7980, VSC7981 and VSC7982 are available in a 5mm x 5mm
32-pin plastic QFP-N package.
GENERAL DESCRIPTION:
741 Calle Plano
Camarillo, CA 93012, USA
Tel: +1 805.388.3700
Fax: +1 805.987.5896
www.vitesse.com
For more information on Vitesse Products visit the Vitesse web site
at www.vitesse.com or contact Vitesse Sales at (800) VITESSE
or sales@vitesse.com
©2004 Vitesse Semiconductor Corporation
Vitesse, ASIC-Friendly, FibreTimer, TimeStream and Snoop Loop are trademarks of Vitesse Semiconductor Corporation.
All other trademarks or registered trademarks mentioned herein are the property of their respective holders. Vitesse
Semiconductor Corporation ("Vitesse") retains the right to make changes to its products or specifications to improve
performance, reliability or manufacturability. All information in this document, including descriptions of features,
functions, performance, technical specifications and availability, is subject to change without notice at any time.
DATA
Modulation and Bias Control and Montoring
DATAN
BSNK
GND
OUT
OUTN
17
25
VCC = +3.3V
TX_DIS
FLTN_DISN
V CC= +3.3V
CD
VCC= +3.3V
EOLN
BSRC
LCLRN
SRC_SNKN
C TERM
IOM
BIASMAX
CPSET
MODMON
BIASMON
VREF
APCSET
MD
APCREF
MODSET
IOB
IMOD
VTEMP
DFB TOSA
VCC
DATA
Modulation and Bias Control and Montoring
DATAN
BSNK
OUT
OUTN
17
25
VCC = +3.3V
TX_DIS
FLTN_DISN
VCC = +3.3V
C D
V CC= +3.3V
EOLN
BSRC
+3.3V
LCLRN
SRC_SNKN
C TERM
IOM
BIASMAX
CPSET
MODMON
BIASMON
VREF
APCSET
MD
APCREF
MODSET
IOB
IMOD
VTEMP
+3.3V
DFB TOSA
Configuration with a Common Cathode Laser
Configuration with a Common Anode Laser



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com