Electronic Components Datasheet Search
  English  ▼

X  

DCP02 Datasheet(PDF) 10 Page - Texas Instruments

Part # DCP02
Description  Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DCP02 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DCP02 Datasheet HTML 6Page - Texas Instruments DCP02 Datasheet HTML 7Page - Texas Instruments DCP02 Datasheet HTML 8Page - Texas Instruments DCP02 Datasheet HTML 9Page - Texas Instruments DCP02 Datasheet HTML 10Page - Texas Instruments DCP02 Datasheet HTML 11Page - Texas Instruments DCP02 Datasheet HTML 12Page - Texas Instruments DCP02 Datasheet HTML 13Page - Texas Instruments DCP02 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
www.ti.com
DUAL OUTPUT VOLTAGE DCP AND DCVs
Ripple and Noise
PCB LAYOUT
THERMAL MANAGEMENT
DCP02 Series
SBVS011I – MARCH 2000 – REVISED NOVEMBER 2007
Clearly, increasing the capacitance has a much
The SYNCIN pin, when not being used, is best left as
smaller effect on the output ripple voltage than does
a floating pad. A ground ring or annulus connected
reducing the value of the ESR for the filter capacitor.
around the pin prevents noise being conducted onto
the pin. If the SYNCIN pin is to be connected to one
or more SYNCIN pins, then the linking trace should be
narrow and must be kept short in length. In addition,
The voltage output for the dual DCPs is half wave
no other trace should be in close proximity to this
rectified; therefore, the discharge time is 1.25
µs.
trace because that will increase the stray capacitance
Repeating the above calculations using the 100%
on this pin. In turn, the stray capacitance affects the
load resistance of 25
Ω (0.2A per output), the results
performance of the oscillator.
are:
τ = 25µs
tDIS = 1.25µs
Careful consideration should be given to the layout of
VDIS = 244mV
the PCB in order to obtain the best results.
VESR = 20mV
The DCP02 is a switching power supply, and as such
Ripple Voltage = 266mV
can place high peak current demands on the input
supply.
In
order
to
avoid
the
supply
falling
This time, it
is
the
capacitor
discharging
that
momentarily during the fast switching pulses, ground
contributes to the largest component of ripple.
and power planes should be used to connect the
Changing the output filter to 10
µF, and repeating the
power to the input of DCP02. If this connection is not
calculations, the result is:
possible, then the supplies must be connected in a
Ripple Voltage = 45mV.
star formation with the traces made as wide as
This value is composed of almost equal components.
possible.
The previous calculations are given only as a guide.
If the SYNCIN pin is being used, then the trace
Capacitor parameters usually have large tolerances
connection between device SYNCIN pins should be
and can be susceptible to environmental conditions.
short to avoid stray capacitance. If the SYNCIN pin is
not being used, it is advisable to place a guard ring
(connected to input ground) around this pin to avoid
any noise pick up.
Figure 11 and Figure 12 illustrate a printed circuit
The output should be taken from the device using
board
(PCB)
layout
for
the
two
conventional
ground and power planes, thereby ensuring minimum
(DCP01/02, DCV01), and two SO-28 surface-mount
losses.
packages (DCP02U). Figure 13 shows the schematic.
A good quality, low-ESR ceramic capacitor placed as
Input power and ground planes have been used,
close as practical across the input reduces reflected
providing a low-impedance path for the input power.
ripple and ensures a smooth startup.
For the output, the common or 0V has been
connected via a ground plane, while the connections
A
good
quality.
low-ESR
capacitor
(ceramic
for the positive and negative voltage outputs are
preferred) placed as close as practical across the
conducted via wide traces in order to minimize
rectifier output terminal and output ground gives the
losses.
best ripple and noise performance. See Application
Bulletin
SBVA012,
DC-to-DC
Converter
Noise
The location of the decoupling capacitors in close
Reduction, for more information on noise rejection.
proximity to their respective pins ensures low losses
due to the effects of stray inductance, thus improving
the ripple performance. This location is of particular
importance
to
the
input
decoupling
capacitor,
Due to the high power density of this device, it is
because this capacitor supplies the transient current
advisable to provide ground planes on the input and
associated with the fast switching waveforms of the
output.
power drive circuits.
10
Submit Documentation Feedback
Copyright © 2000–2007, Texas Instruments Incorporated
Product Folder Link(s): DCP02 Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com