Electronic Components Datasheet Search
  English  ▼

X  

DCP02 Datasheet(PDF) 19 Page - Texas Instruments

Part # DCP02
Description  Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DCP02 Datasheet(HTML) 19 Page - Texas Instruments

Back Button DCP02 Datasheet HTML 12Page - Texas Instruments DCP02 Datasheet HTML 13Page - Texas Instruments DCP02 Datasheet HTML 14Page - Texas Instruments DCP02 Datasheet HTML 15Page - Texas Instruments DCP02 Datasheet HTML 16Page - Texas Instruments DCP02 Datasheet HTML 17Page - Texas Instruments DCP02 Datasheet HTML 18Page - Texas Instruments DCP02 Datasheet HTML 19Page - Texas Instruments DCP02 Datasheet HTML 20Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
MECHANICAL DATA
MPDS106A – AUGUST 2001 – REVISED NOVEMBER 2001
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
DVB(R-PDSO-G12/28)
PLASTIC SMALL-OUTLINE
4202104/B 11/01
Index
Area
114
15
28
Seating
Plane
17,70
18,10
7,60
7,40
10,01
10,65
2,35
2,65
0,30
0,10
0,51
0,33
0,32
0,23
0,25
0,75
x 45
°
1,27
0,40
0
°–8°
C
F
G
1,27
D
0,25 M
B
A
C
S
M
0,10
0,25
M
B
M
10,82
11,20
–A–
–B–
Base
Plane
–C–
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C.
Body length dimension does not include mold
flash, protrusions, or gate burrs. Mold flash, protrusions,
and gate burrs shall not exceed 0,15 mm per side.
D. Body width dimension does not include inter-lead flash
or portrusions. Inter-lead flash and protrusions
shall not exceed 0,25 mm per side.
E. The chamfer on the body is optional. If it is not present,
a visual index feature must be located within the
cross-hatched area.
F. Lead dimension is the length of terminal for soldering
to a substrate.
G. Lead width, as measured 0,36 mm or greater
above the seating plane, shall not exceed a
maximum value of 0,61 mm.
H. Lead-to-lead coplanarity shall be less than
0,10 mm from seating plane.
I. Falls within JEDEC MS-013-AE with the exception
of the number of leads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com