Electronic Components Datasheet Search
  English  ▼

X  

LM2902EP Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2902EP
Description  Low Power Quad Operational Amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2902EP Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM2902EP Datasheet HTML 1Page - National Semiconductor (TI) LM2902EP Datasheet HTML 2Page - National Semiconductor (TI) LM2902EP Datasheet HTML 3Page - National Semiconductor (TI) LM2902EP Datasheet HTML 4Page - National Semiconductor (TI) LM2902EP Datasheet HTML 5Page - National Semiconductor (TI) LM2902EP Datasheet HTML 6Page - National Semiconductor (TI) LM2902EP Datasheet HTML 7Page - National Semiconductor (TI) LM2902EP Datasheet HTML 8Page - National Semiconductor (TI) LM2902EP Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Electrical Characteristics (Continued)
V
+ = +5.0V, unless otherwise stated (Notes 7, 8)
Parameter
Conditions
LM2902
Units
Min
Typ
Max
Short Circuit to Ground
(Note 5) V
+ = 15V, T
A = 25˚C
40
60
mA
Input Offset Voltage
(Note 9)
10
mV
V
OS Drift
R
S =0
Ω
7
µV/˚C
Input Offset Current
I
IN(+) −IIN(−),VCM = 0V
45
200
nA
I
OS Drift
R
S =0
Ω
10
pA/˚C
Input Bias Current
I
IN(+) or IIN(−)
40
500
nA
Input Common-Mode
Voltage Range (Note 11)
V
+ = 26V
0V
+−2
V
Large Signal Voltage Gain
V
+ = +15V (V
OSwing = 1V to 11V)
R
L
≥ 2kΩ
15
V/mV
Output
Voltage
V
OH
V
+ = 26V
R
L =10k
Ω
23
24
V
Swing
V
OL
V
+ = 5V, R
L =10k
Ω
5
100
mV
Output
Current
Source
V
O =2V
V
IN
+ = +1V,
10
20
V
IN
− = 0V,
V
+ = 15V
mA
Sink
V
IN
− = +1V,
5
8
V
IN
+ = 0V,
V
+ = 15V
Note 4: For operating at high temperatures, the LM2902EP must be derated based on a +125˚C maximum junction temperature and a thermal resistance of 88˚C/W
which applies for the device soldered in a printed circuit board, operating in a still air ambient. The dissipation is the total of all four amplifiers — use external resistors,
where possible, to allow the amplifier to saturate of to reduce the power which is dissipated in the integrated circuit.
Note 5: Short circuits from the output to V+ can cause excessive heating and eventual destruction. When considering short circuits to ground, the maximum output
current is approximately 40 mA independent of the magnitude of V+. At values of supply voltage in excess of +15V, continuous short-circuits can exceed the power
dissipation ratings and cause eventual destruction. Destructive dissipation can result from simultaneous shorts on all amplifiers.
Note 6: This input current will only exist when the voltage at any of the input leads is driven negative. It is due to the collector-base junction of the input PNP
transistors becoming forward biased and thereby acting as input diode clamps. In addition to this diode action, there is also lateral NPN parasitic transistor action
on the IC chip. This transistor action can cause the output voltages of the op amps to go to the V+voltage level (or to ground for a large overdrive) for the time duration
that an input is driven negative. This is not destructive and normal output states will re-establish when the input voltage, which was negative, again returns to a value
greater than −0.3V (at 25˚C).
Note 7: The LM2902EP specifications are limited to −40˚C
≤ TA ≤ +85˚C.
Note 8: "Testing and other quality control techniques are used to the extent deemed necessary to ensure product performance over the specified temperature
range. Product may not necessarily be tested across the full temperature range and all parameters may not necessarily be tested. In the absence of specific
PARAMETRIC testing, product performance is assured by characterization and/or design."
Note 9: VO . 1.4V, RS =0Ω with V
+ from 5V to 26V; and over the full input common-mode range (0V to V+ − 1.5V)
Note 10: The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of the state of the output
so no loading change exists on the input lines.
Note 11: The input common-mode voltage of either input signal voltage should not be allowed to go negative by more than 0.3V (at 25˚C). The upper end of the
common-mode voltage range is V+ − 1.5V (at 25˚C), but either or both inputs can go to +26V without damage, independent of the magnitude of V+.
Note 12: Due to proximity of external components, insure that coupling is not originating via stray capacitance between these external parts. This typically can be
detected as this type of capacitance increases at higher frequencies.
Note 13: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
Note 14: Human body model, 1.5 k
Ω in series with 100 pF.
Note 15: The LM124 within this data sheet’s graphics is referenced because of it’s a similarity to the LM2902, however is not offered in this data sheet.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com