Electronic Components Datasheet Search
  English  ▼

X  

LM2902EP Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2902EP
Description  Low Power Quad Operational Amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2902EP Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2902EP Datasheet HTML 1Page - National Semiconductor (TI) LM2902EP Datasheet HTML 2Page - National Semiconductor (TI) LM2902EP Datasheet HTML 3Page - National Semiconductor (TI) LM2902EP Datasheet HTML 4Page - National Semiconductor (TI) LM2902EP Datasheet HTML 5Page - National Semiconductor (TI) LM2902EP Datasheet HTML 6Page - National Semiconductor (TI) LM2902EP Datasheet HTML 7Page - National Semiconductor (TI) LM2902EP Datasheet HTML 8Page - National Semiconductor (TI) LM2902EP Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LM2902EP
Low Power Quad Operational Amplifiers
General Description
The LM2902 consists of four independent, high gain, inter-
nally frequency compensated operational amplifiers which
were designed specifically to operate from a single power
supply over a wide range of voltages. Operation from split
power supplies is also possible and the low power supply
current drain is independent of the magnitude of the power
supply voltage.
Application areas include transducer amplifiers, DC gain
blocks and all the conventional op amp circuits which now
can be more easily implemented in single power supply
systems. For example, the LM2902 can be directly operated
off of the standard +5V power supply voltage which is used
in digital systems and will easily provide the required inter-
face electronics without requiring the additional ±15V power
supplies.
ENHANCED PLASTIC
•
Extended Temperature Performance of −40˚C to +85˚C
•
Baseline Control - Single Fab & Assembly Site
•
Process Change Notification (PCN)
•
Qualification & Reliability Data
•
Solder (PbSn) Lead Finish is standard
•
Enhanced Diminishing Manufacturing Sources (DMS)
Support
Unique Characteristics
n
In the linear mode the input common-mode voltage
range includes ground and the output voltage can also
swing to ground, even though operated from only a
single power supply voltage
n
The unity gain cross frequency is temperature
compensated
n
The input bias current is also temperature compensated
Advantages
n
Eliminates need for dual supplies
n
Four internally compensated op amps in a single
package
n
Allows directly sensing near GND and V
OUT also goes
to GND
n
Compatible with all forms of logic
n
Power drain suitable for battery operation
Features
n
Internally frequency compensated for unity gain
n
Large DC voltage gain
100 dB
n
Wide bandwidth (unity gain)
1 MHz
(temperature compensated)
n
Wide power supply range:
Single supply
3V to 26V
or dual supplies
±1.5V to ±13V
n
Very low supply current drain (700 µA) — essentially
independent of supply voltage
n
Low input biasing current
45 nA
(temperature compensated)
n
Low input offset voltage
2 mV
and offset current:
5 nA
n
Input common-mode voltage range includes ground
n
Differential input voltage range equal to the power
supply voltage
n
Large output voltage swing
0V to V
+ − 1.5V
Applications
n
Selected Military Applications
n
Selected Avionics Applications
Ordering Information
PART NUMBER
VID PART NUMBER
NS PACKAGE NUMBER (Note 3)
LM2902MEP
V62/04744-01
M14A
(Notes 1, 2)
TBD
TBD
Note 1: For the following (Enhanced Plastic) version, check for availability: LM2902MXEP, LM2902MTEP, LM2902MTXEP, LM2902NEP. Parts listed
with an "X" are provided in Tape & Reel and parts without an "X" are in Rails.
Note 2: FOR ADDITIONAL ORDERING AND PRODUCT INFORMATION, PLEASE VISIT THE ENHANCED PLASTIC WEB SITE AT: www.national.com/
mil
Note 3: Refer to package details under Physical Dimensions
February 2005
© 2005 National Semiconductor Corporation
DS201140
www.national.com


Similar Part No. - LM2902EP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM2902E ONSEMI-LM2902E Datasheet
143Kb / 14P
Single Supply Quad Operational Amplifiers
October, 2016 ??Rev. 29
LM2902E ONSEMI-LM2902E Datasheet
378Kb / 17P
Single Supply Quad Operational Amplifiers
October, 2021 - Rev. 31
LM2902EDR2G ONSEMI-LM2902EDR2G Datasheet
143Kb / 14P
Single Supply Quad Operational Amplifiers
October, 2016 ??Rev. 29
LM2902EDR2G ONSEMI-LM2902EDR2G Datasheet
378Kb / 17P
Single Supply Quad Operational Amplifiers
October, 2021 - Rev. 31
LM2902EG ONSEMI-LM2902EG Datasheet
378Kb / 17P
Single Supply Quad Operational Amplifiers
October, 2021 - Rev. 31
More results

Similar Description - LM2902EP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM124 STMICROELECTRONICS-LM124 Datasheet
142Kb / 14P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
Jun-1999
LM124A STMICROELECTRONICS-LM124A Datasheet
1,021Kb / 13P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
Mar-2001
LM2902 STMICROELECTRONICS-LM2902 Datasheet
135Kb / 14P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
Aug-1998
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324 Datasheet
52Kb / 2P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM124 STMICROELECTRONICS-LM124_05 Datasheet
915Kb / 16P
Low Power Quad Operational Amplifiers
Rev 3 June 2005
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324_07 Datasheet
285Kb / 13P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
logo
Taiwan Semiconductor Co...
TS324 TSC-TS324_07 Datasheet
531Kb / 8P
Low Power Quad Operational Amplifiers
logo
Texas Instruments
LM124JAN TI1-LM124JAN_13 Datasheet
781Kb / 26P
Low Power Quad Operational Amplifiers
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902_V01 Datasheet
792Kb / 20P
Low-power quad operational amplifiers
31-Aug-2022
logo
New Japan Radio
NJM324C NJRC-NJM324C Datasheet
459Kb / 10P
Low power quad operational amplifiers
ver.09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com