Electronic Components Datasheet Search
  English  ▼

X  

LP3958 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3958
Description  Lighting Management Unit with High Voltage Boost Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3958 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LP3958 Datasheet HTML 8Page - National Semiconductor (TI) LP3958 Datasheet HTML 9Page - National Semiconductor (TI) LP3958 Datasheet HTML 10Page - National Semiconductor (TI) LP3958 Datasheet HTML 11Page - National Semiconductor (TI) LP3958 Datasheet HTML 12Page - National Semiconductor (TI) LP3958 Datasheet HTML 13Page - National Semiconductor (TI) LP3958 Datasheet HTML 14Page - National Semiconductor (TI) LP3958 Datasheet HTML 15Page - National Semiconductor (TI) LP3958 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
Functionality of Keypad LED
Outputs (KEY1, KEY2, KEY3)
LP3958 has three individual keypad LED output pins. Output
pins can be used in switch mode or constant current mode.
Output mode can be selected with the control register (ad-
dress 00H) bit CC_SW. If the bit is set high, then keypad
LED outputs are in switch mode, otherwise in constant cur-
rent mode. These modes are described later in separate
chapters.
Keypad LED output control can be done in three ways:
1.
Defining the expected balance and brightness in Keypad
register (address 01H)
2.
Direct setting each LED ON/OFF via Keypad control
register (address 00H)
3.
External PWM control
BRIGHTNESS CONTROL WITH KEYPAD REGISTER
If the keypad LED output is used by defining the balance and
brightness in the Keypad register, then one needs to set
EN_KEYP bit high and KEYP_PWM bit high in the Control
register (address 00H). K1SW, K2SW and K3SW are used
to enable each LED output, enabled when written high.
CC_SW defines the LED output mode. A single register is
used for defining the balance and brightness for keypad LED
output:
KEYPAD REGISTER (01H)
Name
Bit
Description
BALANCE[2:0]
6:4
Balance of KEY1, KEY2 and
KEY3 outputs
BRIGHT[2:0]
3:1
Brightness control
OVL
0
Overlapping mode selection:
0 = non-overlapping mode
1 = overlapping mode
Brightness control is logarithmic and is programmed as fol-
lows:
Bright[2:0]
Brightness [%]
Ratio to max
brightness
000
0
0
001
1.56
1/64
010
3.12
1/32
011
6.25
1/16
100
12.5
1/8
101
25
1/4
110
50
1/2
111
100
1/1
The LED balance can be selected as follows. This is valid
only in non-overlapping mode.
Balance
[2:0]
KEY1
active [%]
KEY2
active [%]
KEY3
active [%]
000
100
0
0
001
0
100
0
010
0
0
100
011
50
50
0
100
0
50
50
101
50
0
50
110
33
33
33
111
50
25
25
OVERLAPPING MODE
The brightness is controlled using PWM duty cycle based control method as the following figure shows.
20175597
Overlapping Mode
Since KEY outputs are on simuneltaneously, the maximum load peak current is:
I
MAX = I(KEY1)MAX + I(KEY2)MAX + I(KEY3)MAX
NON-OVERLAPPING MODE
The timing diagram shows the splitted KEY1, KEY2 and KEY3 and brightness control effect to splitted parts. Full brightness is
used in the diagram. If for example 1⁄2 brightness is used, the frame is still 50µs, but all LED outputs’ ON time is 50% shorter and
at the last 25µs all LED outputs are OFF.
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com