Electronic Components Datasheet Search
  English  ▼

X  

LP3958 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3958
Description  Lighting Management Unit with High Voltage Boost Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3958 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LP3958 Datasheet HTML 13Page - National Semiconductor (TI) LP3958 Datasheet HTML 14Page - National Semiconductor (TI) LP3958 Datasheet HTML 15Page - National Semiconductor (TI) LP3958 Datasheet HTML 16Page - National Semiconductor (TI) LP3958 Datasheet HTML 17Page - National Semiconductor (TI) LP3958 Datasheet HTML 18Page - National Semiconductor (TI) LP3958 Datasheet HTML 19Page - National Semiconductor (TI) LP3958 Datasheet HTML 20Page - National Semiconductor (TI) LP3958 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Backlight Driver Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typical
Max
Units
I
MAX
Maximum Sink Current
25.5
30
mA
I
LEAKAGE
Leakage Current
V
SUB, MAIN =18V
0.03
1
µA
I
MAIN
I
SUB
MAIN Current tolerance
SUB Current tolerance
I
MAIN and ISUB set to 12.8mA (80H)
11.1
12.8
14.1
mA
Match
MAIN-SUB
Sink Current Matching Error
I
SINK=12.8mA, DISPL=1
0.2
%
Match
MAIN-SUB
Sink Current Matching Error
I
SINK=12.8mA, DISPL=0
5
%
V
SAT
95% Saturation Voltage
I
SINK=25mA
400
600
800
mV
Note: Matching is the maximum difference from the average.
WLED Dimming, SLOPE=0
WLED Dimming, SLOPE=1
20175539
20175540
WLED Output Current vs. Voltage
20175592
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com