Electronic Components Datasheet Search
  English  ▼

X  

PCA9306 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCA9306
Description  Dual bidirectional I2C-bus and SMBus voltage-level translator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9306 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCA9306 Datasheet HTML 7Page - NXP Semiconductors PCA9306 Datasheet HTML 8Page - NXP Semiconductors PCA9306 Datasheet HTML 9Page - NXP Semiconductors PCA9306 Datasheet HTML 10Page - NXP Semiconductors PCA9306 Datasheet HTML 11Page - NXP Semiconductors PCA9306 Datasheet HTML 12Page - NXP Semiconductors PCA9306 Datasheet HTML 13Page - NXP Semiconductors PCA9306 Datasheet HTML 14Page - NXP Semiconductors PCA9306 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
PCA9306_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 21 February 2007
11 of 21
NXP Semiconductors
PCA9306
Dual bidirectional I2C-bus and SMBus voltage-level translator
[1]
+10 % to compensate for VCC range and resistor tolerance.
Table 10.
Pull-up resistor values
Calculated for VOL = 0.35 V; assumes output driver VOL = 0.175 V at stated current.
Vpu(D)
Pull-up resistor value (
Ω)
15 mA
10 mA
3mA
Nominal
+10 %[1]
Nominal
+10 %[1]
Nominal
+10 %[1]
5 V
310
341
465
512
1550
1705
3.3 V
197
217
295
325
983
1082
2.5 V
143
158
215
237
717
788
1.8 V
97
106
145
160
483
532
1.5 V
77
85
115
127
383
422
1.2 V
57
63
85
94
283
312



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com