Electronic Components Datasheet Search
  English  ▼

X  

B32537 Datasheet(PDF) 5 Page - EPCOS

Part # B32537
Description  Metallized Polyester Film Capacitors (MKT-S)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32537 Datasheet(HTML) 5 Page - EPCOS

  B32537 Datasheet HTML 1Page - EPCOS B32537 Datasheet HTML 2Page - EPCOS B32537 Datasheet HTML 3Page - EPCOS B32537 Datasheet HTML 4Page - EPCOS B32537 Datasheet HTML 5Page - EPCOS B32537 Datasheet HTML 6Page - EPCOS B32537 Datasheet HTML 7Page - EPCOS B32537 Datasheet HTML 8Page - EPCOS B32537 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Ordering codes and packing units
VR
VDC
Vrms
f
≤60 Hz
VAC
CR
µF
Max. dimensions
d
× l
mm
Ordering code
(composition see
below)
Ammo pack
pcs./unit
Untaped
pcs./unit
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
M =
±20%
K =
±10%
007 = Ammo pack
000 = Untaped
160
60
0.10
6.1
× 16.0
B32538B2104+***
1100
50
0.15
6.2
× 16.0
B32538B2154+***
1000
50
0.22
6.4
× 16.0
B32538B2224+***
1000
50
0.33
7.0
× 16.0
B32538B2334+***
950
50
0.47
6.9
× 20.0
B32538B2474+***
950
50
0.68
7.5
× 20.0
B32538B2684+***
870
50
1.0
8.3
× 20.0
B32538B2105+***
800
50
1.5
10.5
× 20.0
B32538B2155+***
400
20
2.2
11.0
× 20.0
B32538B2225+***
400
20
3.3
10.0
× 32.5
B32538B2335+***
450
20
4.7
11.3
× 32.5
B32538B2475+***
380
20
6.8
13.1
× 32.5
B32538B2685+***
PU on request 20
10
15.3
× 32.5
B32538B2106+***
PU on request 20
250
90
0.10
6.7
× 16.0
B32538B3104+***
950
50
0.15
7.2
× 16.0
B32538B3154+***
900
50
0.22
7.3
× 16.0
B32538B3224+***
900
50
0.33
7.3
× 20.0
B32538B3334+***
900
50
0.47
8.0
× 20.0
B32538B3474+***
800
50
0.68
9.0
× 20.0
B32538B3684+***
700
20
1.0
10.3
× 20.0
B32538B3105+***
400
20
1.5
12.0
× 20.0
B32538B3155+***
380
20
2.2
14.0
× 20.0
B32538B3225+***
300
20
3.3
12.6
× 32.5
B32538B3335+***
350
20
4.7
14.5
× 32.5
B32538B3475+***
PU on request 20
6.8
17.0
× 32.5
B32538B3685+***
PU on request 20
10
20.1
× 32.5
B32538B3106+000
20
B32538
High Reliability (Wound)
5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com