Electronic Components Datasheet Search
  English  ▼

X  

B32537 Datasheet(PDF) 6 Page - EPCOS

Part # B32537
Description  Metallized Polyester Film Capacitors (MKT-S)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32537 Datasheet(HTML) 6 Page - EPCOS

  B32537 Datasheet HTML 1Page - EPCOS B32537 Datasheet HTML 2Page - EPCOS B32537 Datasheet HTML 3Page - EPCOS B32537 Datasheet HTML 4Page - EPCOS B32537 Datasheet HTML 5Page - EPCOS B32537 Datasheet HTML 6Page - EPCOS B32537 Datasheet HTML 7Page - EPCOS B32537 Datasheet HTML 8Page - EPCOS B32537 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Ordering codes and packing units
VR
VDC
Vrms
f
≤60 Hz
VAC
CR
µF
Max. dimensions
d
× l
mm
Ordering code
(composition see
below)
Ammo pack
pcs./unit
Untaped
pcs./unit
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
M =
±20%
K =
±10%
007 = Ammo pack
000 = Untaped
630
200
0.033
6.7
× 16.0
B32538B8333+***
950
50
0.047
7.3
× 16.0
B32538B8473+***
900
50
0.068
7.2
× 20.0
B32538B8683+***
900
50
0.10
7.9
× 20.0
B32538B8104+***
800
50
0.15
9.0
× 20.0
B32538B8154+***
700
20
0.22
10.5
× 20.0
B32538B8224+***
400
20
0.33
12.0
× 20.0
B32538B8334+***
380
20
0.47
13.9
× 20.0
B32538B8474+***
300
20
0.68
12.3
× 32.5
B32538B8684+***
350
20
1.0
14.3
× 32.5
B32538B8105+***
PU on request 20
1.5
17.0
× 32.5
B32538B8155+***
PU on request 20
2.2
20.0
× 32.5
B32538B8225+000
20
3.3
23.9
× 32.5
B32538B8335+000
20
4.7
28.1
× 32.5
B32538B8475+000
20
B32538
High Reliability (Wound)
6



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com