Electronic Components Datasheet Search
  English  ▼

X  

IP4064CX8LF Datasheet(PDF) 7 Page - NXP Semiconductors

Part # IP4064CX8LF
Description  Integrated SIM card passive filter array with ESD protection to IEC61000-4-2, level 4
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP4064CX8LF Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button IP4064CX8LF Datasheet HTML 3Page - NXP Semiconductors IP4064CX8LF Datasheet HTML 4Page - NXP Semiconductors IP4064CX8LF Datasheet HTML 5Page - NXP Semiconductors IP4064CX8LF Datasheet HTML 6Page - NXP Semiconductors IP4064CX8LF Datasheet HTML 7Page - NXP Semiconductors IP4064CX8LF Datasheet HTML 8Page - NXP Semiconductors IP4064CX8LF Datasheet HTML 9Page - NXP Semiconductors IP4064CX8LF Datasheet HTML 10Page - NXP Semiconductors IP4064CX8LF Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
IP4064CX8LF_IP4364CX8LF_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 12 November 2007
7 of 13
NXP Semiconductors
IP4064CX8/LF; IP4364CX8/LF
Integrated SIM card passive filter array with ESD protection
8.
Package outline
Fig 8.
Package outline IP4064CX8/LF (WLCSP8)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
IP4064CX8/LF
IP4064CX8/LF
UNIT
A
max
mm
0.7
0.26
0.22
0.44
0.38
1.46
1.36
1.46
1.36
0.5
1
0.005
A1
DIMENSIONS (mm are the original dimensions)
WLCSP8: wafer level chip-size package; 8 bumps; 1.41 x 1.41 x 0.7 mm
0
0.25
0.5 mm
scale
A2
b
0.37
0.27
D
E
e
e1
e2
1
v
y
0.02
C
y
X
b
e2
e1
e
e
A
C
B
∅ v M
C
123
A
B
detail X
A
A2
A1
bump A1
index area
B
A
E
D
07-05-09
07-05-25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com