| Electronic Components Datasheet Search |
|
IP4064CX8LF Datasheet(PDF) 11 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
IP4064CX8LF Datasheet(HTML) 11 Page - NXP Semiconductors |
|
11 / 13 page ![]() IP4064CX8LF_IP4364CX8LF_1 © NXP B.V. 2007. All rights reserved. Product data sheet Rev. 01 — 12 November 2007 11 of 13 NXP Semiconductors IP4064CX8/LF; IP4364CX8/LF Integrated SIM card passive filter array with ESD protection Device removal can be done when the substrate is heated until it is certain that all solder joints are molten. The chip can then be carefully removed from the substrate without damaging the tracks and solder lands on the substrate. Removing the device must be done using plastic tweezers, because metal tweezers can damage the silicon. The surface of the substrate should be carefully cleaned and all solder and flux residues and/or underfill removed. When a new chip is placed on the substrate, use the flux process instead of solder on the solder lands. Apply flux on the bumps at the chip side as well as on the solder pads on the substrate. Place and align the new chip while viewing with a microscope. To reflow the solder, use the solder profile shown in application note AN10365 “Surface mount reflow soldering description”. 9.3.4 Cleaning Cleaning can be done after reflow soldering. 10. Abbreviations 11. Revision history Table 6. Abbreviations Acronym Description DUT Device Under Test EMI ElectroMagnetic Interference ESD ElectroStatic Discharge PCB Printed-Circuit Board PCS Personal Communication System RFI Radio Frequency Interference RoHS Restriction Of the use of certain Hazardous Substances directive SIM Subscriber Identity Module Table 7. Revision history Document ID Release date Data sheet status Change notice Supersedes IP4064CX8LF_IP4364CX8LF_1 20071112 Product data sheet - - |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |