| Electronic Components Datasheet Search |
|
PCA9535C Datasheet(PDF) 7 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA9535C Datasheet(HTML) 7 Page - NXP Semiconductors |
|
7 / 32 page ![]() PCA9535_PCA9535C_3 © NXP B.V. 2007. All rights reserved. Product data sheet Rev. 03 — 4 October 2007 7 of 32 NXP Semiconductors PCA9535; PCA9535C 16-bit I2C-bus and SMBus, low power I/O port with interrupt 6.2.2 Registers 0 and 1: Input port registers This register is an input-only port. It reflects the incoming logic levels of the pins, regardless of whether the pin is defined as an input or an output by Register 3. Writes to this register have no effect. The default value ‘X’ is determined by the externally applied logic level. 6.2.3 Registers 2 and 3: Output port registers This register is an output-only port. It reflects the outgoing logic levels of the pins defined as outputs by Registers 6 and 7. Bit values in this register have no effect on pins defined as inputs. In turn, reads from this register reflect the value that is in the flip-flop controlling the output selection, not the actual pin value. 6.2.4 Registers 4 and 5: Polarity Inversion registers This register allows the user to invert the polarity of the Input port register data. If a bit in this register is set (written with ‘1’), the Input port data polarity is inverted. If a bit in this register is cleared (written with a ‘0’), the Input port data polarity is retained. Table 5. Input port 0 Register Bit 7 6 5 4 3 2 1 0 Symbol I0.7 I0.6 I0.5 I0.4 I0.3 I0.2 I0.1 I0.0 Default XXXXXXXX Table 6. Input port 1 register Bit 7 6 5 4 3 2 1 0 Symbol I1.7 I1.6 I1.5 I1.4 I1.3 I1.2 I1.1 I1.0 Default XXXXXXXX Table 7. Output port 0 register Bit 7 6 5 4 3 2 1 0 Symbol O0.7 O0.6 O0.5 O0.4 O0.3 O0.2 O0.1 O0.0 Default 11111111 Table 8. Output port 1 register Bit 7 6 5 4 3 2 1 0 Symbol O1.7 O1.6 O1.5 O1.4 O1.3 O1.2 O1.1 O1.0 Default 11111111 Table 9. Polarity Inversion port 0 register Bit 7 6 5 4 3 2 1 0 Symbol N0.7 N0.6 N0.5 N0.4 N0.3 N0.2 N0.1 N0.0 Default 00000000 Table 10. Polarity Inversion port 1 register Bit 7 6 5 4 3 2 1 0 Symbol N1.7 N1.6 N1.5 N1.4 N1.3 N1.2 N1.1 N1.0 Default 00000000 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |