Electronic Components Datasheet Search
  English  ▼

X  

PCA9535C Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA9535C
Description  16-bit I2C-bus and SMBus, low power I/O port with interrupt
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9535C Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA9535C Datasheet HTML 4Page - NXP Semiconductors PCA9535C Datasheet HTML 5Page - NXP Semiconductors PCA9535C Datasheet HTML 6Page - NXP Semiconductors PCA9535C Datasheet HTML 7Page - NXP Semiconductors PCA9535C Datasheet HTML 8Page - NXP Semiconductors PCA9535C Datasheet HTML 9Page - NXP Semiconductors PCA9535C Datasheet HTML 10Page - NXP Semiconductors PCA9535C Datasheet HTML 11Page - NXP Semiconductors PCA9535C Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
PCA9535_PCA9535C_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 4 October 2007
8 of 32
NXP Semiconductors
PCA9535; PCA9535C
16-bit I2C-bus and SMBus, low power I/O port with interrupt
6.2.5 Registers 6 and 7: Configuration registers
This register configures the directions of the I/O pins. If a bit in this register is set (written
with ‘1’), the corresponding port pin is enabled as an input with high-impedance output
driver. If a bit in this register is cleared (written with ‘0’), the corresponding port pin is
enabled as an output. At reset, the device's ports are inputs.
6.3 Power-on reset
When power is applied to VDD, an internal power-on reset holds the PCA9535/PCA9535C
in a reset condition until VDD has reached VPOR. At that point, the reset condition is
released and the PCA9535/PCA9535C registers and SMBus state machine will initialize
to their default states. Thereafter, VDD must be lowered below 0.2 V to reset the device.
For a power reset cycle, VDD must be lowered below 0.2 V and then restored to the
operating voltage.
6.4 I/O port
When an I/O is configured as an input on PCA9535, FETs Q1 and Q2 are off, creating a
high impedance input. The input voltage may be raised above VDD to a maximum of 5.5 V.
In the case of PCA9535C, FET Q1 has been removed and the open-drain FET Q2 will
function the same as PCA9535.
If the I/O is configured as an output, then on PCA9535 either Q1 or Q2 is on, depending
on the state of the Output Port register. Care should be exercised if an external voltage is
applied to an I/O configured as an output because of the low-impedance path that exists
between the pin and either VDD or VSS.
Table 11.
Configuration port 0 register
Bit
7
6
5
4
3
2
1
0
Symbol
C0.7
C0.6
C0.5
C0.4
C0.3
C0.2
C0.1
C0.0
Default
11111111
Table 12.
Configuration port 1 register
Bit
7
6
5
4
3
2
1
0
Symbol
C1.7
C1.6
C1.5
C1.4
C1.3
C1.2
C1.1
C1.0
Default
11111111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com