Electronic Components Datasheet Search
  English  ▼

X  

PCA9541 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # PCA9541
Description  2-to-1 I2C-bus master selector with interrupt logic and reset
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9541 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button PCA9541 Datasheet HTML 28Page - NXP Semiconductors PCA9541 Datasheet HTML 29Page - NXP Semiconductors PCA9541 Datasheet HTML 30Page - NXP Semiconductors PCA9541 Datasheet HTML 31Page - NXP Semiconductors PCA9541 Datasheet HTML 32Page - NXP Semiconductors PCA9541 Datasheet HTML 33Page - NXP Semiconductors PCA9541 Datasheet HTML 34Page - NXP Semiconductors PCA9541 Datasheet HTML 35Page - NXP Semiconductors PCA9541 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
PCA9541_5
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 05 — 1 October 2007
32 of 43
NXP Semiconductors
PCA9541
2-to-1 I2C-bus master selector with interrupt logic and reset
13. Dynamic characteristics
[1]
Pass gate propagation delay is calculated from the 20
Ω typical Ron and the 15 pF load capacitance.
[2]
After this period, the first clock pulse is generated.
[3]
A device must internally provide a hold time of at least 300 ns for the SDA signal (referred to the VIH(min) of the SCL signal) in order to
bridge the undefined region of the falling edge of SCL.
Table 18.
Dynamic characteristics
Symbol
Parameter
Conditions
Standard-mode
I2C-bus
Fast-mode I2C-bus Unit
Min
Max
Min
Max
tPD
propagation delay
(SDA_MSTn to
SDA_SLAVE) or
(SCL_MSTn to
SCL_SLAVE)
[1]
-
0.3
-
0.3
ns
fSCL
SCL clock frequency
0
100
0
400
kHz
fSCL(init/rec)
SCL clock frequency
(bus initialization/bus recovery)
50
150
50
150
kHz
tBUF
bus free time between a STOP and
START condition
4.7
-
1.3
-
µs
tHD;STA
hold time (repeated) START condition
[2]
4.0
-
0.6
-
µs
tLOW
LOW period of the SCL clock
4.7
-
1.3
-
µs
tHIGH
HIGH period of the SCL clock
4.0
-
0.6
-
µs
tSU;STA
set-up time for a repeated START
condition
4.7
-
0.6
-
µs
tSU;STO
set-up time for STOP condition
4.0
-
0.6
-
µs
tHD;DAT
data hold time
0[3]
3.45
0[3]
0.9
µs
tSU;DAT
data set-up time
250
-
100
-
ns
tr
rise time of both SDA and SCL signals
-
1000
20 + 0.1Cb[4]
300
ns
tf
fall time of both SDA and SCL signals
-
300
20 + 0.1Cb[4]
300
µs
Cb
capacitive load for each bus line
-
400
-
400
pF
tSP
pulse width of spikes that must be
suppressed by the input filter
-
50
-
50
ns
tVD;DAT
data valid time
HIGH-to-LOW
[5]
-1
-
1
µs
LOW-to-HIGH
[5]
-
0.6
-
0.6
µs
tVD;ACK
data valid acknowledge time
-
1
-
1
µs
INT
tv(INT_IN-INTn) valid time from pin INT_IN to pin INTn
signal
-4
-
4
µs
td(INT_IN-INTn) delay time from pin INT_IN to pin INTn
inactive
-2
-
2
µs
tw(rej)L
LOW-level rejection time
INT_IN input
1
-
1
-
µs
tw(rej)H
HIGH-level rejection time
INT_IN input
0.5
-
0.5
-
µs
RESET
tw(rst)L
LOW-level reset time
4
-
4
-
ns
trst
reset time
SDA clear
500
-
500
-
ns
tREC;STA
recovery time to START condition
[6][7]
0-
0
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com