| Electronic Components Datasheet Search |
|
PCA9541 Datasheet(PDF) 12 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA9541 Datasheet(HTML) 12 Page - NXP Semiconductors |
|
12 / 43 page ![]() PCA9541_5 © NXP B.V. 2007. All rights reserved. Product data sheet Rev. 05 — 1 October 2007 12 of 43 NXP Semiconductors PCA9541 2-to-1 I2C-bus master selector with interrupt logic and reset [1] MYBUS and NMYBUS is an exclusive-OR type function where: Equal values (‘00’ or ‘11’) means that the master reading its Control Register has control of the bus. Different values (‘01’ or ‘10’) means that the master reading its Control Register does not have control of the bus. [1] BUSON and NBUSON is an exclusive-OR type function where: Equal values (‘00’ or ‘11’) means that the connection between the upstream and the downstream channels is off. Different values (‘01’ or ‘10’) means that the connection between the upstream and the downstream channels is on. Switch to the new channel is done when the master initiating the switch request sends a STOP command to the PCA9541. If either master wants to change the connection of the downstream channel, it needs to write to its Control Register (Reg#01), and then send a STOP command because an update of the connection to the downstream according to the values in the two internal Control Registers happens only on a STOP command. Writing to one control register followed by a STOP condition on the other master's channel will not cause an update to the downstream connection. When both masters request a switch to their own channel at the same time, the master who last wrote to its Control Register before the PCA9541 receives a STOP command wins the switching sequence. There is no arbitration performed. The Auto Increment feature (AI = 1) allows to program the PCA9541 in 4 bytes: Start 111A3A2A1A0 + 0 PCA9541 Address + Write 00010000 Select Reg#00 with AI = 1 Data Reg#00 Interrupt Enable Register data Data Reg#01 Control Register data Stop Table 9. MYBUS and NMYBUS truth table As a master reads its Control Register NMYBUS[1] MYBUS[1] Slave channel 0 0 The master reading this combination has control of the bus. 1 0 The master reading this combination does not have control of the bus. 0 1 The master reading this combination does not have control of the bus. 1 1 The master reading this combination has control of the bus. Table 10. BUSON and NBUSON truth table NBUSON[1] BUSON[1] Slave channel 0 0 off 10on 01on 1 1 off |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |