Electronic Components Datasheet Search
  English  ▼

X  

SM79164 Datasheet(PDF) 3 Page - SyncMOS Technologies,Inc

Part # SM79164
Description  8 - Bit Micro-controller with 64KB flash & 4KB RAM embedded
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM79164 Datasheet(HTML) 3 Page - SyncMOS Technologies,Inc

  SM79164 Datasheet HTML 1Page - SyncMOS Technologies,Inc SM79164 Datasheet HTML 2Page - SyncMOS Technologies,Inc SM79164 Datasheet HTML 3Page - SyncMOS Technologies,Inc SM79164 Datasheet HTML 4Page - SyncMOS Technologies,Inc SM79164 Datasheet HTML 5Page - SyncMOS Technologies,Inc SM79164 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM79164 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM79164 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM79164 Datasheet HTML 9Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Specifications subject to change without notice,contact your sales representatives for the most recent information.
3/26
Ver 2.1
SM79164 08/2006
SyncMOS Technologies International. Inc.
SM79164
Timer 2
Timer 1
Timer 0
Stack
Pointer
Decoder &
Register
4096 bytes
RAM
Block Diagram
Reset
Circuit
Power
Circuit
Interrupt
Circuit
Timing
Generator
XTAL2
XTAL1
#EA
ALE
#PSEN
RES
Vdd
Vss
to pertinent blocks
to whole chip
to pertinent blocks
to whole system
Acc
Buffer2
Buffer1
ALU
PSW
Buffer
DPTR
PC
Incrementer
Program
Counter
Register
Port 1
Latch
Port 2
Latch
Port 3
Latch
Port 4
Latch
Port 2
Port 3
Driver & Mux
Port 4
Driver & Mux
8
8
8
4
WDT
Instruction
Register
Port 0
Latch
8
Port 1
Driver & Mux
Driver & Mux
Port 0
Driver & Mux
PWM
64K
bytes
Flash
Memory
0000H
FFFFH
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com